Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF136 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF136 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF136
Download  MRF136 Download
File Size   604.32 Kbytes
Page   12 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 15W, to 400MHz, 28V

MRF136 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF136 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF136
Download  MRF136 Click to download

File Size   604.32 Kbytes
Page   12 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 15W, to 400MHz, 28V

MRF136 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF136 Product details

The RF MOSFET Line 15W, to 400MHz, 28V

Designed for wideband large signal amplifier and oscillator applications Up to 400 MHz range, in single-ended configuration

N–Channel enhancement mode

• Guaranteed 28 volt, 150 MHz performance Output power = 15 watts Narrowband gain = 16 dB (Typ.) Efficiency = 60% (Typ.)
• Small– and large–signal characterization
• 100% tested for load mismatch at all phase angles with 30:1 VSWR
• Excellent thermal stability, ideally suited for Cass A operation
• Facilitates manual gain control, ALC and modulation techniques




Similar Part No. - MRF136

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF136 MOTOROLA-MRF136 Datasheet
284Kb / 12P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF136 MACOM-MRF136 Datasheet
340Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FET
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
logo
M/A-COM Technology Solu...
MRF136 MA-COM-MRF136 Datasheet
604Kb / 12P
The RF MOSFET Line
logo
New Jersey Semi-Conduct...
MRF136 NJSEMI-MRF136 Datasheet
80Kb / 2P
RF Power Field-Effect Transistors
More results


Similar Description - MRF136

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2N6439 MA-COM-2N6439 Datasheet
213Kb / 6P
The RF Line NPN Silicon Power Transistor 60W, 225 to 400MHz, 28V
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
The RF MOSFET Line: Broadband RF Power FET 5.0W, to 400MHz, 28V
MRF136Y MA-COM-MRF136Y Datasheet
412Kb / 10P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
437Kb / 11P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
404Kb / 11P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
The RF MOSFET Line 100W, 400MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com