Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF136 Datasheet (PDF) - Motorola, Inc

MRF136 Datasheet PDF - Motorola, Inc
Part # MRF136
Download  MRF136 Download
File Size   284.67 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description N-CHANNEL MOS BROADBAND RF POWER FETs

MRF136 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF136 Datasheet PDF - Motorola, Inc

Part # MRF136
Download  MRF136 Click to download

File Size   284.67 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description N-CHANNEL MOS BROADBAND RF POWER FETs

MRF136 Datasheet (HTML) - Motorola, Inc


MRF136 Product details

The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode MOSFETs

. . . designed for wideband large–signal amplifier and oscillator applications up to 400 MHz range, in either single ended or push–pull configuration.

• Guaranteed 28 Volt, 150 MHz Performance
    MRF136                                          MRF136Y
    Output Power = 15 Watts               Output Power = 30 Watts
    Narrowband Gain = 16 dB (Typ)    Broadband Gain = 14 dB (Typ)
    Efficiency = 60% (Typical)              Efficiency = 54% (Typical)

• Small–Signal and Large–Signal Characterization
• 100% Tested For Load Mismatch At All Phase Angles With 30:1 VSWR
• Space Saving Package For Push–Pull Circuit Applications — MRF136Y
• Excellent Thermal Stability, Ideally Suited For Class A Operation
• Facilitates Manual Gain Control, ALC and Modulation Techniques




Similar Part No. - MRF136

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF136 MACOM-MRF136 Datasheet
340Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF136 MA-COM-MRF136 Datasheet
604Kb / 12P
The RF MOSFET Line 15W, to 400MHz, 28V
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
logo
M/A-COM Technology Solu...
MRF136 MA-COM-MRF136 Datasheet
604Kb / 12P
The RF MOSFET Line
logo
New Jersey Semi-Conduct...
MRF136 NJSEMI-MRF136 Datasheet
80Kb / 2P
RF Power Field-Effect Transistors
More results


Similar Description - MRF136

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF137 MOTOROLA-MRF137 Datasheet
196Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MOTOROLA-MRF174 Datasheet
168Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF175GU MOTOROLA-MRF175GU Datasheet
183Kb / 8P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175LU MOTOROLA-MRF175LU Datasheet
138Kb / 8P
N-CHANNEL BROADBAND RF POWER FETs
MRF176GU MOTOROLA-MRF176GU Datasheet
177Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF136 MACOM-MRF136 Datasheet
340Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MACOM-MRF174 Datasheet
177Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF175GU MACOM-MRF175GU Datasheet
214Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175GU1111 MACOM-MRF175GU1111 Datasheet
209Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175LU MACOM-MRF175LU Datasheet
144Kb / 8P
N-CHANNEL BROADBAND RF POWER FETs
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com