Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF175GU Datasheet (PDF) - Motorola, Inc

MRF175GU Datasheet PDF - Motorola, Inc
Part # MRF175GU
Download  MRF175GU Download
File Size   183.2 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description N-CHANNEL MOS BROADBAND RF POWER FETs

MRF175GU Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF175GU Datasheet PDF - Motorola, Inc

Part # MRF175GU
Download  MRF175GU Click to download

File Size   183.2 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description N-CHANNEL MOS BROADBAND RF POWER FETs

MRF175GU Datasheet (HTML) - Motorola, Inc


MRF175GU Product details

The RF MOSFET Line
RF Power
​​​​​​​Field-Effect Transistors
N–Channel Enhancement–Mode

Designedfor broadband commercial and military applications using push pull circuitsat frequencies to 500 MHz. The high power, high gain and broadband performanceof these devices makes possible solid state transmitters for FM broadcast or TV channel frequency bands.

• Guaranteed Performance
   MRF175GV @ 28 V, 225 MHz (“V” Suffix)
      Output Power — 200 Watts
      Power Gain — 14 dB Typ
      Efficiency — 65% Typ
   MRF175GU @ 28 V, 400 MHz (“U” Suffix)
      Output Power — 150 Watts
      Power Gain — 12 dB Typ
      Efficiency — 55% Typ
• 100% Ruggedness Tested At Rated Output Power
• Low Thermal Resistance
• Low Crss — 20 pF Typ @ VDS = 28




Similar Part No. - MRF175GU

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF175GU MACOM-MRF175GU Datasheet
214Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
The RF MOSFET Line 200/150W, 500MHz, 28V
logo
Advanced Semiconductor
MRF175GU ASI-MRF175GU Datasheet
38Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
logo
M/A-COM Technology Solu...
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
The RF MOSFET Line 200/150W, 500MHz, 28V
logo
New Jersey Semi-Conduct...
MRF175GU NJSEMI-MRF175GU Datasheet
110Kb / 2P
RF Power Field-Effect Transistors
More results


Similar Description - MRF175GU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF136 MOTOROLA-MRF136 Datasheet
284Kb / 12P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF137 MOTOROLA-MRF137 Datasheet
196Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MOTOROLA-MRF174 Datasheet
168Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF175LU MOTOROLA-MRF175LU Datasheet
138Kb / 8P
N-CHANNEL BROADBAND RF POWER FETs
MRF176GU MOTOROLA-MRF176GU Datasheet
177Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF136 MACOM-MRF136 Datasheet
340Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MACOM-MRF174 Datasheet
177Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF175GU MACOM-MRF175GU Datasheet
214Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175GU1111 MACOM-MRF175GU1111 Datasheet
209Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175LU MACOM-MRF175LU Datasheet
144Kb / 8P
N-CHANNEL BROADBAND RF POWER FETs
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com