Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF175GU Datasheet (PDF) - Tyco Electronics

MRF175GU Datasheet PDF - Tyco Electronics
Part # MRF175GU
Download  MRF175GU Download
File Size   214.11 Kbytes
Page   11 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description N-CHANNEL MOS BROADBAND RF POWER FETs

MRF175GU Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF175GU Datasheet PDF - Tyco Electronics

Part # MRF175GU
Download  MRF175GU Click to download

File Size   214.11 Kbytes
Page   11 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description N-CHANNEL MOS BROADBAND RF POWER FETs

MRF175GU Datasheet (HTML) - Tyco Electronics


MRF175GU Product details

The RF MOSFET Line
RF Power
Field-Effect Transistors
N-Channel Enhancement-mode

Designed for broadband commercial and military applications using push pull circuits at frequencies to 500 MHz. The high power, high gain and broadband performance of these devices makes possible solid state transmitters for FM broadcast or TV channel frequency bands.

• Guaranteed Performance
   MRF175GV @ 28 V, 225 MHz (“V” Suffix)
      Output Power — 200 Watts
      Power Gain — 14 dB Typ
      Efficiency — 65% Typ
   MRF175GU @ 28 V, 400 MHz (“U” Suffix)
      Output Power — 150 Watts
      Power Gain — 12 dB Typ
      Efficiency — 55% Typ
• 100% Ruggedness Tested At Rated Output Power
• Low Thermal Resistance
• Low Crss — 20 pF Typ @ VDS = 28 V




Similar Part No. - MRF175GU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF175GU MOTOROLA-MRF175GU Datasheet
183Kb / 8P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
The RF MOSFET Line 200/150W, 500MHz, 28V
logo
Advanced Semiconductor
MRF175GU ASI-MRF175GU Datasheet
38Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
logo
M/A-COM Technology Solu...
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
The RF MOSFET Line 200/150W, 500MHz, 28V
logo
New Jersey Semi-Conduct...
MRF175GU NJSEMI-MRF175GU Datasheet
110Kb / 2P
RF Power Field-Effect Transistors
More results


Similar Description - MRF175GU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF136 MOTOROLA-MRF136 Datasheet
284Kb / 12P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF137 MOTOROLA-MRF137 Datasheet
196Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MOTOROLA-MRF174 Datasheet
168Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF175GU MOTOROLA-MRF175GU Datasheet
183Kb / 8P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175LU MOTOROLA-MRF175LU Datasheet
138Kb / 8P
N-CHANNEL BROADBAND RF POWER FETs
MRF176GU MOTOROLA-MRF176GU Datasheet
177Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF136 MACOM-MRF136 Datasheet
340Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MACOM-MRF174 Datasheet
177Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF175GU1111 MACOM-MRF175GU1111 Datasheet
209Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175LU MACOM-MRF175LU Datasheet
144Kb / 8P
N-CHANNEL BROADBAND RF POWER FETs
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com