Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF175GU Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF175GU Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF175GU
Download  MRF175GU Download
File Size   447.7 Kbytes
Page   16 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 200/150W, 500MHz, 28V

MRF175GU Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF175GU Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF175GU
Download  MRF175GU Click to download

File Size   447.7 Kbytes
Page   16 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 200/150W, 500MHz, 28V

MRF175GU Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF175GU Product details

Designed for broadband commercial and military applications using push pull circuits at frequencies to 500 MHz. The high power, high gain and broadband performance of these devices makes possible solid state transmitters for FM broadcast or TV channel frequency bands.

N–Channel enhancement mode

• Guaranteed performance
   MRF175GV @ 28 V, 225 MHz (“V” Suffix)
      Output power — 200 W
      Power gain — 14 dB typ
      Efficiency — 65% typ`
• 100% ruggedness tested at rated output power
• Low thermal resistance
• Low Crss — 20 pF typ @ VDS = 28 V




Similar Part No. - MRF175GU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF175GU MOTOROLA-MRF175GU Datasheet
183Kb / 8P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF175GU MACOM-MRF175GU Datasheet
214Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Advanced Semiconductor
MRF175GU ASI-MRF175GU Datasheet
38Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
logo
M/A-COM Technology Solu...
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
The RF MOSFET Line 200/150W, 500MHz, 28V
logo
New Jersey Semi-Conduct...
MRF175GU NJSEMI-MRF175GU Datasheet
110Kb / 2P
RF Power Field-Effect Transistors
More results


Similar Description - MRF175GU

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
MRF176GU MA-COM-MRF176GU Datasheet
397Kb / 12P
The RF MOSFET Line 200/150W, 500MHz, 50V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
The RF MOSFET Line 200/150W, 500MHz, 28V
MRF176GU MA-COM-MRF176GU Datasheet
397Kb / 12P
The RF MOSFET Line 200/150W, 500MHz, 50V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
The RF MOSFET Line 100W, 500MHz, 28V
MRF175GU MA-COM-MRF175GU_17 Datasheet
1Mb / 17P
The RF MOSFET Line 200/150W, 500MHz, 28V
MRF176GU MA-COM-MRF176GU_17 Datasheet
963Kb / 13P
The RF MOSFET Line 200/150W, 500MHz, 50V
MRF275G MA-COM-MRF275G_17 Datasheet
1Mb / 20P
The RF MOSFET Line 150W, 500MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com