Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF177 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF177 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF177
Download  MRF177 Download
File Size   438.01 Kbytes
Page   11 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 100W, 400MHz, 28V

MRF177 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF177 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF177
Download  MRF177 Click to download

File Size   438.01 Kbytes
Page   11 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 100W, 400MHz, 28V

MRF177 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF177 Product details

Designed for broadband commercial and military applications up to 400 MHz frequency range. Primarily used as a driver or output amplifier in push–pull configurations. Can be used in manual gain control, ALC and modulation circuits. N–Channel enhancement mode MOSFET

• Typical performance at 400 MHz, 28 V:
   Output power — 100 W
   Gain — 12 dB
   Efficiency — 60%
• Low thermal resistance
• Low Crss — 10 pF typ. @ VDS = 28 V
• Ruggedness tested at rated output power
• Nitride passivated die for enhanced reliability
• Excellent thermal stability; suited for Class A operation




Similar Part No. - MRF177

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177_15 Datasheet
438Kb / 11P
The RF MOSFET Line
More results


Similar Description - MRF177

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF136Y MA-COM-MRF136Y Datasheet
412Kb / 10P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
437Kb / 11P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
The RF MOSFET Line 100W, 500MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
404Kb / 11P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
The RF MOSFET Line 100W, 500MHz, 28V
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
The RF MOSFET Line 100W, 400MHz, 28V
MRF275L MA-COM-MRF275L_17 Datasheet
1Mb / 18P
The RF MOSFET Line 100W, 500MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com