Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF134 Datasheet (PDF) - Advanced Semiconductor

MRF134 Datasheet PDF - Advanced Semiconductor
Part # MRF134
Download  MRF134 Download
File Size   19.56 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description VHF POWER MOSFET

MRF134 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF134 Datasheet PDF - Advanced Semiconductor

Part # MRF134
Download  MRF134 Click to download

File Size   19.56 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description VHF POWER MOSFET

MRF134 Datasheet (HTML) - Advanced Semiconductor


MRF134 Product details

DESCRIPTION:
The ASI MRF134 is intended for use in 28 VDC large signal Applications, from 2.0 to 400 MHz.
   
FEATURES INCLUDE:
• PG = 14 dB Typical at 150 MHz
• Omnigold™ Metalization System
• Class-A or AB
   




Similar Part No. - MRF134

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF134 MOTOROLA-MRF134 Datasheet
205Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF134 MACOM-MRF134 Datasheet
208Kb / 10P
N.CHANNEL MOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
The RF MOSFET Line: Broadband RF Power FET 5.0W, to 400MHz, 28V
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
The RF MOSFET Line: Broadband RF Power FET
logo
New Jersey Semi-Conduct...
MRF134 NJSEMI-MRF134 Datasheet
94Kb / 2P
RF Power Field-Effect Transistor
More results


Similar Description - MRF134

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
BLF145 ASI-BLF145 Datasheet
21Kb / 1P
VHF POWER MOSFET
BLF246 ASI-BLF246 Datasheet
21Kb / 1P
VHF POWER MOSFET
REV. A
BLF248 ASI-BLF248 Datasheet
22Kb / 1P
VHF POWER MOSFET
REV. A
BLF278 ASI-BLF278 Datasheet
103Kb / 7P
VHF POWER MOSFET
REV. B
MRF134-39 ASI-MRF134-39 Datasheet
49Kb / 1P
VHF POWER MOSFET
VFT5-28 ASI-VFT5-28_07 Datasheet
38Kb / 2P
VHF POWER MOSFET
VFT15-28 ASI-VFT15-28_07 Datasheet
45Kb / 3P
VHF POWER MOSFET
VFT45-28 ASI-VFT45-28_07 Datasheet
44Kb / 2P
VHF POWER MOSFET
VFT150-50 ASI-VFT150-50_07 Datasheet
63Kb / 3P
VHF POWER MOSFET
VFT300-28 ASI-VFT300-28_07 Datasheet
39Kb / 1P
VHF POWER MOSFET
More results




About Advanced Semiconductor


Advanced Semiconductor, Inc. (ASI) is a semiconductor company based in South Korea. The company was founded in 1989 and specializes in the design and manufacturing of memory and storage solutions for a variety of applications, including consumer electronics, automotive, and industrial markets.

ASI's product portfolio includes DRAM, SRAM, flash memory, and embedded memory solutions. These products are used in a wide range of devices, including smartphones, tablets, laptops, servers, and automotive infotainment systems.

ASI is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. ASI also offers custom design and engineering services to meet the specific needs of its customers.

ASI has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative memory and storage solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com