Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF134 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MRF134 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MRF134
Download  MRF134 Download
File Size   94.92 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description RF Power Field-Effect Transistor

MRF134 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF134 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MRF134
Download  MRF134 Click to download

File Size   94.92 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description RF Power Field-Effect Transistor

MRF134 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MRF134 Product details

The RF MOSFETLine
RF Power Field-Effect Transistor
N-Channel Enhancement-Mode
   
... designed for wideband large-signal amplifier and oscillator applications up to 400 MHz range.
   
• Guaranteed 28 Volt, 150 MHz Performance
    Output Power = 5.0 Watts
    Minimum Gain = 11 dB
    Efficiency — 55% (Typical)
• Small-Signal andLarge-Signal Characterization
• Typical Performance at 400 MHz, 28 Vdc, 5.0W
    Output = 10.6 dB Gain
• 100% Tested For Load Mismatch At All Phase Angles
    With 30:1 VSWR
• Low Noise Figure — 2.0 dB (Typ) at 200 mA, 150 MHz
• Excellent Thermal Stability, Ideally Suited For Class A
    Operation
   




Similar Part No. - MRF134

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF134 MOTOROLA-MRF134 Datasheet
205Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF134 MACOM-MRF134 Datasheet
208Kb / 10P
N.CHANNEL MOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
The RF MOSFET Line: Broadband RF Power FET 5.0W, to 400MHz, 28V
logo
Advanced Semiconductor
MRF134 ASI-MRF134 Datasheet
19Kb / 1P
VHF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
The RF MOSFET Line: Broadband RF Power FET
More results


Similar Description - MRF134

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
RF Power Field Effect Transistor
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
RF Power Field Effect Transistor
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
RF FIELD-EFFECT POWER TRANSISTOR
logo
Freescale Semiconductor...
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com