Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF148 Datasheet (PDF) - Motorola, Inc

MRF148 Datasheet PDF - Motorola, Inc
Part # MRF148
Download  MRF148 Download
File Size   144.93 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description N-CHANNEL MOS LINEAR RF POWER FET

MRF148 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF148 Datasheet PDF - Motorola, Inc

Part # MRF148
Download  MRF148 Click to download

File Size   144.93 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description N-CHANNEL MOS LINEAR RF POWER FET

MRF148 Datasheet (HTML) - Motorola, Inc


MRF148 Product details

The RF MOSFETLine RF Power Field-Effect Transistor N-ChannelEnhancement-Mode

Designed for power amplifier applications in industrial, commercial and amateur radio equipment to 175 MHz.

• Superior High Order IMD
• Specified 50 Volts, 30 MHz Characteristics
    Output Power = 30 Watts
    Power Gain = 18 dB (Typ)
    Efficiency = 40% (Typ)
• IMD(d3) (30 WPEP)  — -35dB(Typ)
• IMD(dii)(30WPEP) — -60dB(Typ)
• 100% Tested For Load Mismatch At All Phase Angles With 30:1 VSWR




Similar Part No. - MRF148

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF148 MACOM-MRF148 Datasheet
169Kb / 6P
N-CHANNEL MOS LINEAR RF POWER FET
logo
New Jersey Semi-Conduct...
MRF148 NJSEMI-MRF148 Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF148A ASI-MRF148A Datasheet
42Kb / 1P
N-Channel Enhancement Mode VHF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF148A MA-COM-MRF148A Datasheet
285Kb / 7P
Linear RF Power FET 30W, to 175MHz, 50V
MRF148A MA-COM-MRF148A Datasheet
285Kb / 7P
Linear RF Power FET 30W, to 175MHz, 50V
More results


Similar Description - MRF148

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF134 MOTOROLA-MRF134 Datasheet
205Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF140 MOTOROLA-MRF140 Datasheet
163Kb / 6P
N-CHANNEL MOS LINEAR RF POWER FET
MRF150 MOTOROLA-MRF150 Datasheet
148Kb / 6P
N-CHANNEL MOS LINEAR RF POWER FET
MRF157 MOTOROLA-MRF157 Datasheet
178Kb / 8P
MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF136Y MACOM-MRF136Y Datasheet
221Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF137 MACOM-MRF137 Datasheet
213Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
MRF140 MACOM-MRF140 Datasheet
204Kb / 8P
N-CHANNEL MOS LINEAR RF POWER FET
MRF148 MACOM-MRF148 Datasheet
169Kb / 6P
N-CHANNEL MOS LINEAR RF POWER FET
MRF150 MACOM-MRF150 Datasheet
183Kb / 8P
N-CHANNEL MOS LINEAR RF POWER FET
MRF157 MACOM-MRF157 Datasheet
190Kb / 7P
MOS LINEAR RF POWER FET
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com