Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78840ASRHD/PROTO Datasheet (PDF) - Intersil Corporation

ISL78840ASRHD/PROTO Datasheet PDF - Intersil Corporation
Part # ISL78840ASRHD/PROTO
Download  ISL78840ASRHD/PROTO Download
File Size   890.56 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller

ISL78840ASRHD/PROTO Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78840ASRHD/PROTO Datasheet PDF - Intersil Corporation

Part # ISL78840ASRHD/PROTO
Download  ISL78840ASRHD/PROTO Click to download

File Size   890.56 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller

ISL78840ASRHD/PROTO Datasheet (HTML) - Intersil Corporation


ISL78840ASRHD/PROTO Product details

Features
• Electrically screened to DLA SMD #5962-07249
• QML qualified per MIL-PRF-38535 requirements
• 1A MOSFET gate driver
• 90μA typical start-up current, 125μA maximum
• 35ns propagation delay current sense to output
• Fast transient response with peak current-mode control
• 9V to 13.2V operation
• Adjustable switching frequency to 1MHz
• 50ns rise and fall times with 1nF output load
• Trimmed timing capacitor discharge current for accurate
dead time/maximum duty cycle control
• 1.5MHz bandwidth error amplifier
• Tight tolerance voltage reference over line, load, and
temperature
• ±3% current limit threshold
• Pb-free available (RoHS compliant)
• Radiation acceptance testing - ISL7884xASEH
- HDR (50-300rad(Si)/s): 100krad(Si)
- LDR (0.01rad(Si)/s): 50krad(Si)
• Radiation acceptance testing - ISL7884xASRH
- HDR (50-300rad(Si)/s): 100krad(Si)
• Radiation acceptance testing - ISL73884xASEH
- LDR (0.01rad(Si)/s): 50krad(Si)

Applications
• Current mode switching power supplies
• Isolated buck and flyback regulators
• Boost regulators
• Direction and speed control in motors
• Control of high current FET drivers




Similar Part No. - ISL78840ASRHD/PROTO

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78840ASRHD RENESAS-ISL78840ASRHD Datasheet
951Kb / 19P
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
Feb 13, 2025
More results


Similar Description - ISL78840ASRHD/PROTO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8843 INTERSIL-ISL8843 Datasheet
305Kb / 12P
Industry Standard Single-Ended Current Mode PWM Controller
October 19, 2005
ISL8840A INTERSIL-ISL8840A Datasheet
302Kb / 15P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
April 18, 2007
ISL8840AMBEPZ INTERSIL-ISL8840AMBEPZ Datasheet
231Kb / 10P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2008
ISL78840ASRH INTERSIL-ISL78840ASRH Datasheet
653Kb / 11P
Radiation Hardened, High Performance IndustryStandard Single-Ended Current Mode PWM Controller
ISL78840ASRH INTERSIL-ISL78840ASRH_10 Datasheet
766Kb / 15P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL78840ASEH INTERSIL-ISL78840ASEH Datasheet
810Kb / 15P
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
May 29, 2012
ISL8843 INTERSIL-ISL8843 Datasheet
341Kb / 13P
Industry Standard Single-Ended Current Mode PWM Controller
September 14, 2015
ISL8840AABZ INTERSIL-ISL8840AABZ Datasheet
309Kb / 15P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
April 18, 2007
ISL8840AMZ INTERSIL-ISL8840AMZ Datasheet
229Kb / 10P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
December 1, 2011
logo
Renesas Technology Corp
ISL8840A RENESAS-ISL8840A Datasheet
716Kb / 15P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com