Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUS250M Datasheet (PDF) - TDK Electronics

CUS250M Datasheet PDF - TDK Electronics
Part # CUS250M
Download  CUS250M Download
File Size   2230.24 Kbytes
Page   10 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 2 x 4” 250W AC-DC Power Supplies

CUS250M Datasheet (PDF)

Go To PDF Page Download Datasheet
CUS250M Datasheet PDF - TDK Electronics

Part # CUS250M
Download  CUS250M Click to download

File Size   2230.24 Kbytes
Page   10 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 2 x 4” 250W AC-DC Power Supplies

CUS250M Datasheet (HTML) - TDK Electronics


CUS250M Product details

Features
• Up to 250W Utilizing Convection and Conduction Cooling
• Operation in Ambient Temperatures of up to 85oC
• Medical Certifications (2 x MOPP)
• Class B Conducted and Radiated EMI with Significant Margins
• Suitable for Class I and Class II installations
• Compact 2 x 4 x 1.56” / 50.8 x 101.6 x 39.5mm Size
• Enclosure & Cooling Options
• EN60335-1 Compliant




Similar Part No. - CUS250M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CUS250LD TDK-CUS250LD Datasheet
699Kb / 3P
Single Output 250W Low Profi le Power Supplies
CUS250LD-12 TDK-CUS250LD-12 Datasheet
699Kb / 3P
Single Output 250W Low Profi le Power Supplies
CUS250LD-24 TDK-CUS250LD-24 Datasheet
699Kb / 3P
Single Output 250W Low Profi le Power Supplies
CUS250LD-3 TDK-CUS250LD-3 Datasheet
699Kb / 3P
Single Output 250W Low Profi le Power Supplies
CUS250LD-4 TDK-CUS250LD-4 Datasheet
699Kb / 3P
Single Output 250W Low Profi le Power Supplies
More results


Similar Description - CUS250M

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA250 MPD-MPA250 Datasheet
366Kb / 2P
Smallest 1U 250W Single Output Power Factor Corrected AC/DC Power Supplies
logo
BOSER Technology Co., L...
MPI-925A BOSER-MPI-925A Datasheet
89Kb / 1P
250W AC-DC AT Power Supply
logo
TDK Electronics
ZPSA20-12 TDK-ZPSA20-12 Datasheet
315Kb / 2P
2 x 3.5??14-22W AC-DC Power Supplies
logo
Tumbler Technologies + ...
TWA250 TRUMPOWER-TWA250 Datasheet
108Kb / 1P
250W AC/DC Desktop Power Adapter
logo
Power Mate Technology C...
TAF150 P-DUKE-TAF150_14 Datasheet
1Mb / 5P
2 X 4 Inch AC-DC POWER SUPPLIES
TDF150 P-DUKE-TDF150_14 Datasheet
1Mb / 5P
2 X 4 Inch AC-DC POWER SUPPLIES
TEF150 P-DUKE-TEF150_14 Datasheet
1Mb / 5P
2 X 4 Inch AC-DC POWER SUPPLIES
TUF150 P-DUKE-TUF150_14 Datasheet
1Mb / 5P
2 X 4 Inch AC-DC POWER SUPPLIES
logo
Tumbler Technologies + ...
TWM250 TRUMPOWER-TWM250 Datasheet
108Kb / 2P
250W Medical Grade AC/DC Power Supplies
logo
MicroPower Direct, LLC
MPU-250 MPD-MPU-250 Datasheet
524Kb / 2P
Single Output 250W Power Factor Corrected AC/DC Power Supplies
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com