Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC111 Datasheet (PDF) - List of Unclassifed Manufacturers

ATC111 Datasheet PDF - List of Unclassifed Manufacturers
Part # ATC111
Download  ATC111 Download
File Size   218.74 Kbytes
Page   12 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description ATC Millimeter Wavelength Single Layer Capacitors

ATC111 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATC111 Datasheet PDF - List of Unclassifed Manufacturers

Part # ATC111
Download  ATC111 Click to download

File Size   218.74 Kbytes
Page   12 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description ATC Millimeter Wavelength Single Layer Capacitors

ATC111 Datasheet (HTML) - List of Unclassifed Manufacturers


ATC111 Product details

ATC Millimeter Wavelength Single Layer Capacitors



ATC 111 SERIES MICROCAP® capacitors have beveled edges to minimize the potential for crack propagation due to mechanical or thermal shock by eliminating abrupt metal-to-ceramic interfaces. Longer arc-over paths help reduce shorting during epoxy die attachment.



• Ultra-High Qs

• Low Cost

• DC to 50 GHz

• Broadband Applications

• .06 pF to 4700 pF

• Not Static Sensitive

• Capacitor Arrays

• High Reliability Testing

• Custom sizes, values, shapes, tolerances and higher voltages




Similar Part No. - ATC111

ManufacturerPart #DatasheetDescription
logo
ABB
ATC100 ABB-ATC100 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
List of Unclassifed Man...
ATC100A ETC2-ATC100A Datasheet
275Kb / 6P
Ultra-Stable Performance
logo
RF Micro Devices
ATC100A0R2BT RFMD-ATC100A0R2BT Datasheet
923Kb / 11P
280W GaN WIDEBAND PULSED POWER
ATC100A0R2BT RFMD-ATC100A0R2BT Datasheet
773Kb / 11P
380W GaN WIDEBAND PULSED
logo
NXP Semiconductors
ATC100A0R5BT500XT NXP-ATC100A0R5BT500XT Datasheet
1Mb / 17P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 1, 3/2011
More results


Similar Description - ATC111

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196DLC VISHAY-196DLC Datasheet
70Kb / 6P
Double Layer Capacitors
17-Oct-03
logo
List of Unclassifed Man...
ATC500S ETC-ATC500S Datasheet
554Kb / 8P
Broadband Microwave Millimeter-wave 0603 NPO SMT Capacitors
logo
Vishay Siliconix
196DLC VISHAY-196DLC_08 Datasheet
107Kb / 7P
Double Layer Capacitors
15-Apr-08
logo
AVX Corporation
VC32M01750K AVX-VC32M01750K Datasheet
183Kb / 2P
Single Layer Varistors
VC32M02750 AVX-VC32M02750 Datasheet
183Kb / 2P
Single Layer Varistors
logo
Cooper Bussmann, Inc.
BK-ATC-3 COOPER-BK-ATC-3 Datasheet
251Kb / 2P
ATC Blade Fuses
BK-ATC-30 COOPER-BK-ATC-30 Datasheet
251Kb / 2P
ATC Blade Fuses
logo
Alpha & Omega Semicondu...
TO247 AOSMD-TO247 Datasheet
50Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER.
logo
Turck, Inc.
CMBS8151-0 TURCK-CMBS8151-0 Datasheet
71Kb / 1P
MILLIMETER [ INCH ]
logo
Mini-Circuits
RC-3MTS-50 MINI-RC-3MTS-50 Datasheet
852Kb / 7P
Millimeter Wave Switch Matrix
REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com