Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDL770 Datasheet (PDF) - E-Tech Electronics LTD

MMDL770 Datasheet PDF - E-Tech Electronics LTD
Part # MMDL770
Download  MMDL770 Download
File Size   106.58 Kbytes
Page   3 Pages
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Description Schottky Barrier Diode

MMDL770 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMDL770 Datasheet PDF - E-Tech Electronics LTD

Part # MMDL770
Download  MMDL770 Click to download

File Size   106.58 Kbytes
Page   3 Pages
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Description Schottky Barrier Diode

MMDL770 Datasheet (HTML) - E-Tech Electronics LTD


MMDL770 Product details

Schottky barrier diodes are designed primarily for high–efficiency UHF and VHF detector applications. Readily available to many other fast switching RF and digital applications.

• Extremely Low Minority Carrier Lifetime
• Very Low Capacitance — 1.0 pF @ 20 V
• Low Reverse Leakage — 200 nA (max)
• High Reverse Voltage — 70 Volts (min)
• Available in 8 mm Tape and Reel
• Device Marking: 5H




Similar Part No. - MMDL770

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MMDL770 LUGUANG-MMDL770 Datasheet
241Kb / 2P
Schottky Barrier Diode
logo
Diode Semiconductor Kor...
MMDL770 DSK-MMDL770 Datasheet
220Kb / 3P
Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
MMDL770 BILIN-MMDL770 Datasheet
207Kb / 4P
Schottky Barrier Diode
Rev.A
MMDL770 BILIN-MMDL770 Datasheet
228Kb / 3P
Schottky Barrier Diodes
logo
Won-Top Electronics
MMDL770 WTE-MMDL770 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
October, 2018
More results


Similar Description - MMDL770

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com