Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M672 Datasheet (PDF) - Integrated Circuit Systems

M672 Datasheet PDF - Integrated Circuit Systems
Part # M672
Download  M672 Download
File Size   194.71 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VCSO WITH SELECTABLE OUTPUT FREQUENCY DIVIDER

M672 Datasheet (PDF)

Go To PDF Page Download Datasheet
M672 Datasheet PDF - Integrated Circuit Systems

Part # M672
Download  M672 Click to download

File Size   194.71 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VCSO WITH SELECTABLE OUTPUT FREQUENCY DIVIDER

M672 Datasheet (HTML) - Integrated Circuit Systems


M672 Product details

GENERAL DESCRIPTION
The M672 is a Voltage Controlled SAW Oscillator (VCSO) with a selectable output frequency divider. The output frequency can be pin-selected to be either the VCSO fundamental frequency (Fvcso) or a fraction of Fvcso (1/8, 1/4, or 1/2 depending on frequency and order code). Available center fundamental frequencies for the VCSO are between 125 and 700MHz. Divided Fvcso frequencies are in the 60 to 175MHz range. The M672 SAW (surface acoustic wave) VCO is a high Q frequency source for low-jitter clock generation. It is well suited for phase-locked loop implementations, clock and data recovery circuits, and other timing applications in telecom and optical fiber networking systems (e.g., SONET/SDH).

FEATURES
◆ Selectable divider chooses one of two output frequencies; the Fvcso or its divided output frequency
◆ Low phase jitter 0.2ps rms typical (50kHz to 80MHz)
◆ Differential 3.3V LVPECL output
◆ Single 3.3V power supply
◆ Small 5 x 7.5mm SMT (surface mount) package




Similar Part No. - M672

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67204F ATMEL-M67204F Datasheet
72Kb / 5P
Radiation Tolerant FIFOs
M67204F ATMEL-M67204F_14 Datasheet
77Kb / 5P
Empty Flag Parasitic Pulse
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M67204H ATMEL-M67204H_14 Datasheet
1Mb / 4P
Asynchronous Read/Write Operations
M67204H ATMEL-M67204H_14 Datasheet
69Kb / 4P
Empty Flag Parasitic Pulse
More results


Similar Description - M672

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M660 ICST-M660 Datasheet
59Kb / 1P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 2.1
M660-02 ICST-M660-02 Datasheet
199Kb / 4P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 3.0
M685 ICST-M685 Datasheet
281Kb / 7P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 0.4
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
Dual Frequency VCSO
VS-505 VECTRON-VS-505 Datasheet
258Kb / 9P
Single Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
Dual Frequency VCSO
logo
Integrated Device Techn...
M685 IDT-M685 Datasheet
120Kb / 7P
DUAL SAW, SELECTABLE FREQUENCY VCSO
logo
Vectron International, ...
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
Dual Frequency VCSO
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_14 Datasheet
1Mb / 56P
Clock output with selectable frequency
03/13/14
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com