Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M660 Datasheet (PDF) - Integrated Circuit Systems

M660 Datasheet PDF - Integrated Circuit Systems
Part # M660
Download  M660 Download
File Size   59.33 Kbytes
Page   1 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DUAL SAW, SELECTABLE FREQUENCY VCSO

M660 Datasheet (PDF)

Go To PDF Page Download Datasheet
M660 Datasheet PDF - Integrated Circuit Systems

Part # M660
Download  M660 Click to download

File Size   59.33 Kbytes
Page   1 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DUAL SAW, SELECTABLE FREQUENCY VCSO

M660 Datasheet (HTML) - Integrated Circuit Systems


M660 Product details

GENERAL DESCRIPTION

The M660-01 is a dual SAW, selectable frequency VCSO for low-jitter clock generation. An integrated SAW (surface acoustic wave) delay line implements the high-Q VCO (voltage controlled oscillator) function, which results in low output phase noise and very low jitter. The M660-01 is available in a range of center frequencies from 125 to 175MHz. The M660-02 is available in a range of center frequencies from 500 to 700MHz.



FEATURES

• M660-01 output frequencies from 125 to 175 MHz

  M660-02 output frequencies from 500 to 700 MHz

  (Specify center frequency at time of order)

• Two integrated SAW devices

• Selectable output frequency

• Supports multi-rate optical interface requirements

• Low phase jitter 0.37ps rms typical (12kHz to 20MHz)

• Low phase noise -70dBc/Hz @ 1kHz offset

• Differential 3.3V LVPECL output

• Single 3.3V power supply

• Small 9 x 14 mm SMT (surface mount) package



 




Similar Part No. - M660

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
Voltage Controlled SAW Oscillator
M660-01-BA ICST-M660-01-BA Datasheet
552Kb / 3P
Voltage Controlled SAW Oscillator
M660-01-BB ICST-M660-01-BB Datasheet
552Kb / 3P
Voltage Controlled SAW Oscillator
M660-01-BC ICST-M660-01-BC Datasheet
552Kb / 3P
Voltage Controlled SAW Oscillator
M660-01-BD ICST-M660-01-BD Datasheet
552Kb / 3P
Voltage Controlled SAW Oscillator
More results


Similar Description - M660

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M660-02 ICST-M660-02 Datasheet
199Kb / 4P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 3.0
M685 ICST-M685 Datasheet
281Kb / 7P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 0.4
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
Dual Frequency VCSO
logo
Integrated Circuit Syst...
M672 ICST-M672 Datasheet
194Kb / 4P
VCSO WITH SELECTABLE OUTPUT FREQUENCY DIVIDER
Rev 0.2
logo
Vectron International, ...
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
Dual Frequency VCSO
logo
Integrated Device Techn...
M685 IDT-M685 Datasheet
120Kb / 7P
DUAL SAW, SELECTABLE FREQUENCY VCSO
logo
Vectron International, ...
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
Dual Frequency VCSO
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com