Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M660 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # M660
Description  DUAL SAW, SELECTABLE FREQUENCY VCSO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M660 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  M660 Datasheet HTML 1Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M660 PB Rev 2.1
Revised 12Nov2003
Integ r ated Circuit Systems , Inc. ● Comm unications Modules ● www.icst.com ● tel (508) 852-5400
DUAL SAW, SELECTABLE FREQUENCY VCSO
Integrated
Circuit
Systems, Inc.
Product Br ief
M660
GENERAL DESCRIPTION
The M660-01 is a dual SAW, selectable frequency
VCSO for low-jitter clock generation. An integrated
SAW (surface acoustic wave) delay line implements
the high-Q VCO (voltage controlled oscillator) function,
which results in low output phase noise and very low
jitter. The M660-01 is available in a range of center
frequencies from 125 to 175MHz. The M660-02 is
available in a range of center frequencies from 500 to
700MHz. Minimum pull-range is +50 ppm (wider
pull-range is available). The M660 is well suited for
phase-locked loop implementations, clock and data
recovery circuits, and other timing applications in
telecom and optical fiber networking systems
(e.g., OC-48, OC-192).
FEATURES
• M660-01 output frequencies from 125 to 175 MHz
M660-02 output frequencies from 500 to 700 MHz
(Specify center frequency at time of order)
• Two integrated SAW devices
• Selectable output frequency
• Supports multi-rate optical interface requirements
• Low phase jitter 0.37ps rms typical (12kHz to 20MHz)
• Low phase noise -70dBc/Hz @ 1kHz offset
• Differential 3.3V LVPECL output
• Single 3.3V power supply
• Small 9 x 14 mm SMT (surface mount) package
PIN ASSIGNMENT (9 x 14 mm SMT)
BLOCK DIAGRAM
Sample of Available Output Frequencies
VCSO Center Frequency1 (MHz)
1. Specify VCSO center frequency at time of order
Applications
622.0800
SONET/SDH
625.0000
Gigabit Ethernet
644.5313
Gigabit Ethernet FEC
669.3266
SONET/SDH FEC
M660
(T o p Vi ew )
12
3
4
5
6
F_SEL
VIN
FOUT
nFOUT
SAW Delay Line
Phase
Shifter
SAW Delay Line
Phase
Shifter
M660
VCSO
VCSO
M660 Dual SAW, Selectable Frequency VCSO


Similar Part No. - M660

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
Voltage Controlled SAW Oscillator
M660-01-BA ICST-M660-01-BA Datasheet
552Kb / 3P
Voltage Controlled SAW Oscillator
M660-01-BB ICST-M660-01-BB Datasheet
552Kb / 3P
Voltage Controlled SAW Oscillator
M660-01-BC ICST-M660-01-BC Datasheet
552Kb / 3P
Voltage Controlled SAW Oscillator
M660-01-BD ICST-M660-01-BD Datasheet
552Kb / 3P
Voltage Controlled SAW Oscillator
More results

Similar Description - M660

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M660-02 ICST-M660-02 Datasheet
199Kb / 4P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 3.0
M685 ICST-M685 Datasheet
281Kb / 7P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 0.4
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
Dual Frequency VCSO
logo
Integrated Circuit Syst...
M672 ICST-M672 Datasheet
194Kb / 4P
VCSO WITH SELECTABLE OUTPUT FREQUENCY DIVIDER
Rev 0.2
logo
Vectron International, ...
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
Dual Frequency VCSO
logo
Integrated Device Techn...
M685 IDT-M685 Datasheet
120Kb / 7P
DUAL SAW, SELECTABLE FREQUENCY VCSO
logo
Vectron International, ...
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
Dual Frequency VCSO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com