Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFLS240L Datasheet (PDF) - Diodes Incorporated

DFLS240L Datasheet PDF - Diodes Incorporated
Part # DFLS240L
Download  DFLS240L Download
File Size   88.13 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A LOW VF SCHOTTKY BARRIER RECTIFIER

DFLS240L Datasheet (PDF)

Go To PDF Page Download Datasheet
DFLS240L Datasheet PDF - Diodes Incorporated

Part # DFLS240L
Download  DFLS240L Click to download

File Size   88.13 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A LOW VF SCHOTTKY BARRIER RECTIFIER

DFLS240L Datasheet (HTML) - Diodes Incorporated




Similar Part No. - DFLS240L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS240L DIODES-DFLS240L Datasheet
95Kb / 4P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30516 Rev. 8 - 2
logo
Linear Technology
DFLS240L LINER-DFLS240L Datasheet
293Kb / 24P
42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
logo
Diodes Incorporated
DFLS240L-7 DIODES-DFLS240L-7 Datasheet
95Kb / 4P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30516 Rev. 8 - 2
DFLS240LQ DIODES-DFLS240LQ Datasheet
370Kb / 5P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 2
DFLS240LQ-7 DIODES-DFLS240LQ-7 Datasheet
370Kb / 5P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 2
More results


Similar Description - DFLS240L

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SL22 WTE-SL22 Datasheet
40Kb / 3P
2.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Diodes Incorporated
DFLS240L DIODES-DFLS240L_09 Datasheet
95Kb / 4P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30516 Rev. 8 - 2
DFLS240LQ DIODES-DFLS240LQ_15 Datasheet
212Kb / 5P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 1
DFLS240L DIODES-DFLS240L_15 Datasheet
95Kb / 4P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER PowerDI짰123
Rev erse
logo
Jinan Jingheng (Group) ...
20SQ045L JINANJINGHENG-20SQ045L Datasheet
71Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SR230L ZSELEC-SR230L Datasheet
164Kb / 2P
2.0A LOW VF SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
DFLS240LQ DIODES-DFLS240LQ Datasheet
370Kb / 5P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com