Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS20015M Datasheet (PDF) - Sanyo Semicon Device

SS20015M Datasheet PDF - Sanyo Semicon Device
Part # SS20015M
Download  SS20015M Download
File Size   42.47 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low VF Schottky Barrier Diode 15V, 2.0A Rectifier

SS20015M Datasheet (PDF)

Go To PDF Page Download Datasheet
SS20015M Datasheet PDF - Sanyo Semicon Device

Part # SS20015M
Download  SS20015M Click to download

File Size   42.47 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low VF Schottky Barrier Diode 15V, 2.0A Rectifier

SS20015M Datasheet (HTML) - Sanyo Semicon Device


SS20015M Product details

15V, 2.0A Rectifier

Features
• Small switching noise.
• Low forward voltage (IF=2A, VF max=0.43V).
• Ultrasmall package permitting applied sets to be small and slim (mounting height 0.85mm).

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SS20015M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SS200 RECTRON-SS200 Datasheet
249Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
logo
ON Semiconductor
SS2003M ONSEMI-SS2003M Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M ONSEMI-SS2003M Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M-TL-E ONSEMI-SS2003M-TL-E Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
More results


Similar Description - SS20015M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS240L DIODES-DFLS240L Datasheet
88Kb / 3P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30516 Rev. 4 - 2
logo
Sanyo Semicon Device
SB20015M SANYO-SB20015M Datasheet
42Kb / 3P
Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
SBE817 SANYO-SBE817 Datasheet
59Kb / 4P
Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
logo
Diodes Incorporated
DFLS240L DIODES-DFLS240L_09 Datasheet
95Kb / 4P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30516 Rev. 8 - 2
DFLS240LQ DIODES-DFLS240LQ_15 Datasheet
212Kb / 5P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 1
DFLS240L DIODES-DFLS240L_15 Datasheet
95Kb / 4P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER PowerDI짰123
Rev erse
logo
Zibo Seno Electronic En...
SR230L ZSELEC-SR230L Datasheet
164Kb / 2P
2.0A LOW VF SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
DFLS240LQ DIODES-DFLS240LQ Datasheet
370Kb / 5P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 2
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com