Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2003M Datasheet (PDF) - Sanyo Semicon Device

SS2003M Datasheet PDF - Sanyo Semicon Device
Part # SS2003M
Download  SS2003M Download
File Size   32.28 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 30V, 2.0A Rectifier

SS2003M Datasheet (PDF)

Go To PDF Page Download Datasheet
SS2003M Datasheet PDF - Sanyo Semicon Device

Part # SS2003M
Download  SS2003M Click to download

File Size   32.28 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 30V, 2.0A Rectifier

SS2003M Datasheet (HTML) - Sanyo Semicon Device


SS2003M Product details

Features
• Small Switching noise.
• Low forward voltage (IF=2A, VF max=0.40V).
• Ultrasmall package permitting applied sets to be small and slim.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SS2003M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS2003M ONSEMI-SS2003M Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M ONSEMI-SS2003M Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M-TL-E ONSEMI-SS2003M-TL-E Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M-TL-W ONSEMI-SS2003M-TL-W Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M-TL-W ONSEMI-SS2003M-TL-W Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
More results


Similar Description - SS2003M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB220 WTE-SB220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SB2003M SANYO-SB2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
SBE811 SANYO-SBE811 Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
logo
ON Semiconductor
SS2003M-TL-W ONSEMI-SS2003M-TL-W Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M-TL-E ONSEMI-SS2003M-TL-E Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
logo
Diodes Incorporated
B240S1F DIODES-B240S1F Datasheet
416Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
MS202 ZSELEC-MS202 Datasheet
135Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
B2100AF DIODES-B2100AF Datasheet
513Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
March 2015
B260S1F DIODES-B260S1F Datasheet
417Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com