Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2003M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SS2003M
Description  Schottky Barrier Diode 30V, 2.0A Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS2003M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SS2003M Datasheet HTML 1Page - Sanyo Semicon Device SS2003M Datasheet HTML 2Page - Sanyo Semicon Device SS2003M Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS2003M
No.8345-1/3
Applications
•
High frequency rectification (switching regulators, converters, choppers).
Features
•
Small Switching noise.
•
Low forward voltage (IF=2A, VF max=0.40V).
•
Ultrasmall package permitting applied sets to be small and slim.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
30
V
Average Output Current
IO
2.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=2.0mA
30
V
Forward Voltage
VF
IF=1.0A
0.30
0.35
V
IF=2.0A
0.35
0.40
V
Reverse Current
IR
VR=15V
1.25
mA
Interterminal Capacitance
C
VR=10V, f=1MHz
75
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
20
ns
Rth(j-a)1
Mounted in Cu-foiled area of 1.44mm2!0.03mm
93.4
°C / W
Therrmal Resistance
on glass epoxy board
Rth(j-a)2
Mounted on a ceramic board (500mm2!0.8mm)
71.4
°C / W
Marking : SF
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN8345
62005SB MS IM TB-00001370
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SS2003M
Schottky Barrier Diode
30V, 2.0A Rectifier


Similar Part No. - SS2003M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS2003M ONSEMI-SS2003M Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M ONSEMI-SS2003M Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M-TL-E ONSEMI-SS2003M-TL-E Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M-TL-W ONSEMI-SS2003M-TL-W Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M-TL-W ONSEMI-SS2003M-TL-W Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
More results

Similar Description - SS2003M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB220 WTE-SB220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SB2003M SANYO-SB2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
SBE811 SANYO-SBE811 Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
logo
ON Semiconductor
SS2003M-TL-W ONSEMI-SS2003M-TL-W Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M-TL-E ONSEMI-SS2003M-TL-E Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
logo
Diodes Incorporated
B240S1F DIODES-B240S1F Datasheet
416Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
MS202 ZSELEC-MS202 Datasheet
135Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
B2100AF DIODES-B2100AF Datasheet
513Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
March 2015
B260S1F DIODES-B260S1F Datasheet
417Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com