Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2003M Datasheet (PDF) - ON Semiconductor

SS2003M Datasheet PDF - ON Semiconductor
Part # SS2003M
Download  SS2003M Download
File Size   188.39 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6

SS2003M Datasheet (PDF)

Go To PDF Page Download Datasheet
SS2003M Datasheet PDF - ON Semiconductor

Part # SS2003M
Download  SS2003M Click to download

File Size   188.39 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6

SS2003M Datasheet (HTML) - ON Semiconductor


SS2003M Product details

Schottky Barrier Diode
30V, 2.0A, Low VF, Single MCPH6

Features
• Small Switching noise
• Low forward voltage (IF=2A, VF max=0.40V)
• Small package permitting applied sets to be small and slim

Applications
• High frequency rectification (switching regulators, converters, choppers)
• Halogen free compliance




Similar Part No. - SS2003M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
logo
ON Semiconductor
SS2003M ONSEMI-SS2003M Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M-TL-E ONSEMI-SS2003M-TL-E Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M-TL-W ONSEMI-SS2003M-TL-W Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
More results


Similar Description - SS2003M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB2003M SANYO-SB2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
SBE811 SANYO-SBE811 Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Diodes Incorporated
DFLS240L DIODES-DFLS240L_09 Datasheet
95Kb / 4P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30516 Rev. 8 - 2
logo
ON Semiconductor
SS2003M-TL-E ONSEMI-SS2003M-TL-E Datasheet
188Kb / 5P
Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
logo
Zibo Seno Electronic En...
SR230L ZSELEC-SR230L Datasheet
164Kb / 2P
2.0A LOW VF SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
DFLS240LQ DIODES-DFLS240LQ Datasheet
370Kb / 5P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com