Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2003M Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS2003M
Description  Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS2003M Datasheet(HTML) 3 Page - ON Semiconductor

  SS2003M Datasheet HTML 1Page - ON Semiconductor SS2003M Datasheet HTML 2Page - ON Semiconductor SS2003M Datasheet HTML 3Page - ON Semiconductor SS2003M Datasheet HTML 4Page - ON Semiconductor SS2003M Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS2003M
No.8345-3/5
0
0.10
IT08573
IF -- VF
10
0
35
IT08574
IR -- VR
0.01
2
3
5
7
2
3
5
7
2
3
5
7
0.1
1.0
10
0.20
0.30
0.40
0.50
0.05
0.15
0.25
0.35
0.45
0.0001
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
0.001
0.01
0.1
1.0
2
3
5
7
10
2
3
5
7
100
20
15
525
30
Ta=125°
C
100°C
75°C
50°C
25°C
--25°C
0.1
1.0
10
100
2
2
3
5
7
3
5
7
23
5
7
23
23
57
5
C -- VR
0
0
1.2
1.0
0.8
0.6
0.4
0.2
1.0
2.5
2.0
0.5
1.5
PF(AV) -- IO
IT08575
IT08576
(1)
(2)(4)(3)
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
180
°
360
°
θ
360
°
Sine wave
Rectangular
wave
Average Forward Current, IO -- A
Reverse Voltage, VR -- V
7 0.01
23
7 0.1
0
52
2
3
37 1.0
5
12
14
8
4
10
6
2
ID00435
IFSM -- t
IS
20ms
t
Current waveform 50Hz sine wave
Time, t -- s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com