Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3523 Datasheet (PDF) - List of Unclassifed Manufacturers

GL3523 Datasheet PDF - List of Unclassifed Manufacturers
Part # GL3523
Download  GL3523 Download
File Size   1029.72 Kbytes
Page   47 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB 3.1 Gen 1 Hub Controller Datasheet Revision 1.70 Mar. 02, 2017 Genesys Logic, Inc.

GL3523 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL3523 Datasheet PDF - List of Unclassifed Manufacturers

Part # GL3523
Download  GL3523 Click to download

File Size   1029.72 Kbytes
Page   47 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB 3.1 Gen 1 Hub Controller Datasheet Revision 1.70 Mar. 02, 2017 Genesys Logic, Inc.

GL3523 Datasheet (HTML) - List of Unclassifed Manufacturers


GL3523 Product details

 Compliant with USB 3.1 Gen 1 Specification
1 CDP, charging downstream port, the Battery Charging Rev.1.2-compliant USB port that does data communication and charges device up to 1.5A.
2 DCP, dedicated charging port, the Battery Charging Rev.1.2-compliant USB port that only charges devices up to 1.5A, similar to wall chargers.
- Upstream port supports SuperSpeed (SS), HighSpeed (HS) and FullSpeed (FS) traffic
- Downstream ports support SS, HS, FS, and LowSpeed (LS) traffic
- 1 control pipe and 1 interrupt pipe
- Backward compatible to USB specification Revision 2.0/1.1
 Native USB Type-C support in GL3523-S series
- Compliant with USB Type-C Cable and Connection Specification Revision 1.0
- Featuring USB Type-C functions
- Detecting flip-able/reversible plugging
- Discovering/configuring VBUS
- Supporting USB Type-C Current modes , including USB Default, 1.5A@5V, 3A@5V
- Configuring/Supporting VCONN Power
 Featuring fast-charging on all downstream ports and upstream port
- Compliant with USB Battery Charging Revision v1.2, supporting CDP, DCP, and ACA-Dock
- Downstream ports can be turned from a Standard Downstream Port (SDP) into Charging Downstream Port (CDP) or Dedicated Charging Port (DCP)
- Downstream devices can be charged while upstream VBUS is not present, which can be applied on wall charger applications
- Upstream port is capable of charging and data communicating simultaneously for portable devices supporting ACA-Dock or proprietary charging protocols
- Supporting Apple 1A/2.1A/2.4A and Samsung Galaxy devices fast-charging
 On-chip 8-bit micro-processor
- RISC-like architecture
- USB optimized instruction set
- 1 cycle instruction execution (maximum)
- Performance: 12 MIPS @ 12.5MHz (maximum)
- With 256-byte RAM, 20K-byte internal ROM, and 24K-byte SRAM
 Multiple Transaction Translator (TT) architecture
- Providing dedicated TT control logics for each downstream port
- Superior performance when multiple FS devices operate concurrently
 Integrated USB transceiver
- Improving output drivers with slew-rate control for EMI reduction
- Internal power-fail detection for ESD recovery
 Advanced power management and low power consumption
- Supporting USB 3.1 U0/U1/U2/U3 power management states
- Supporting USB Link Power Management (LPM) L0/L1/L2
- Supporting individual/gang mode over-current detection for all downstream ports
- Supporting both low/high-enabled power switches
- Patented Smart Power Management
 Configurable settings by firmware in SPI flash
- Configurable charging port
- Configurable 4/3/2 downstream ports, downstream port can be disabled/enabled by each specific port for USB3.1/USB2.0
- Configurable Upstream and Downstream Ports in GL3523-S
- Supporting multiple upstream ports in GL3253-S OV3S1 and OV5S1 packages
- Supporting full in-system programming firmware upgrade by SPI-flash and configuration by EEPROM
- Supporting compound-device (non-removable setting on downstream ports)
- Supporting customization VID/PID
 Flexible design
- Supporting Poly-fuse/Power-switch
- Automatic switching between self-powered and bus-powered modes
- Supporting electrical tuning for each specific port
- Supporting programmable breathing LED
- Supporting register setting by firmware
- Supporting vendor command and SMBUS
- Allow downstream ports to connect up to 8 devices, 4 x USB3.1 non-removable devices with 4 x USB2.0 non-removable devices or exposed ports
 Low BOM cost
- Single external 25 MHz crystal / Oscillator clock input
- Built-in upstream port 1.5KΩ pull-up and downstream port 15KΩ pull-down resistors
- Built-in 5 to 3.3V and 5 to 1.2V regulator
 Different package types available for various applications
 Applications
- Standalone USB hub/Docking station
- Tablet/Ultrabook/NB
- Motherboard
- Monitor built-in hub, GPIOs can be programmed as I2C interface to easily update scalar firmware through USB interface
- TV built-in hub
- Compound device, such as hub-reader application
- USB wall charger
- Other consumer electronics
- Customized applications
 Dynamically disable/enable ports
 GPIO signaling of ambient light sensor or rotation/position sensor




Similar Part No. - GL3523

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL3520 GENESYS-GL3520 Datasheet
275Kb / 1P
USB 3.0 MTT Hub Controller
GL3522 GENESYS-GL3522 Datasheet
686Kb / 32P
USB 3.0 Hub Controller
Revision 1.03 Sep. 24, 2014
GL3522-22 GENESYS-GL3522-22 Datasheet
686Kb / 32P
USB 3.0 Hub Controller
Revision 1.03 Sep. 24, 2014
GL3522-OTY22 GENESYS-GL3522-OTY22 Datasheet
686Kb / 32P
USB 3.0 Hub Controller
Revision 1.03 Sep. 24, 2014
GL3522-WTY22 GENESYS-GL3522-WTY22 Datasheet
686Kb / 32P
USB 3.0 Hub Controller
Revision 1.03 Sep. 24, 2014
More results


Similar Description - GL3523

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-003-3A1G TRIPPLITE-U460-003-3A1G Datasheet
524Kb / 3P
Portable USB 3.1 Gen 1 Gigabit Ethernet Adapter with 3-Port Hub, Aluminum
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
JMicron Technology Corp...
JMS901 JMICRON-JMS901 Datasheet
421Kb / 10P
USB 3.1 Gen 1 to UFS/UHS-1 Bridge
logo
Microchip Technology
USB5806 MICROCHIP-USB5806 Datasheet
824Kb / 60P
6-Port USB 3.1 Gen 1 Smart Hub
10/25/17
logo
Transcend Information. ...
JF790 TRANSCEND-JF790 Datasheet
757Kb / 2P
USB 3.1 Gen 1
logo
Microchip Technology
USB7206C MICROCHIP-USB7206C Datasheet
1Mb / 56P
6-Port USB 3.2 Gen 2 Controller Hub
02/28/20
USB7006 MICROCHIP-USB7006 Datasheet
1Mb / 55P
6-Port USB 3.2 Gen 1 Controller Hub
02/28/20
USB7016 MICROCHIP-USB7016 Datasheet
1Mb / 59P
6-Port USB 3.2 Gen 1 Type-C짰 Controller Hub
02/28/20
logo
GENESYS LOGIC
GL3590 GENESYS-GL3590 Datasheet
1Mb / 47P
USB 3.1 Gen 2 Hub Controller
Revision 1 7 0 May 08 , 20 20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com