Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3590 Datasheet (PDF) - GENESYS LOGIC

GL3590 Datasheet PDF - GENESYS LOGIC
Part # GL3590
Download  GL3590 Download
File Size   1566.9 Kbytes
Page   47 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 3.1 Gen 2 Hub Controller

GL3590 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL3590 Datasheet PDF - GENESYS LOGIC

Part # GL3590
Download  GL3590 Click to download

File Size   1566.9 Kbytes
Page   47 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 3.1 Gen 2 Hub Controller

GL3590 Datasheet (HTML) - GENESYS LOGIC


GL3590 Product details

FEATURES
 Compliant with U SB 3.1 S pecification
- U pstream port supports S uper S pee d 10G SS SuperSpeed ( 5G/ SS), H igh S peed (HS) and F ull S peed
(FS) traffic
- D ownstream ports support SS ++, SS, HS, FS, and L ow S peed (LS) traffic
- 1 control pipe and 1 interrupt pipe
- B ackward compatible to USB specification Revision 2.0 /1.1
 Native USB USB C /Power delivery support in GL3590 S series
- Compliant with USB Type C ™ Cable and Connection Specification Revision 1.0
- Compliant with Power Delivery spec rev. 3.0
- Support TCPC interface; c ompliant with Type C™ Port Controller Interface Spec 1.0
- Support up to 2 port Power Delivery 3.0
- Support up to 4 port native USB Type C ports, no external Mux or CC controller needed
- USB C port s upporting USB C c urrent modes , including USB Default, 1.5A@5V, 3A@5V
 On chip 8 bit micro processor
- RISC li ke architecture
- USB optimized instruction set
- 1 cycle instruction execution (
- Performance: 12 MIPS @ 12 .5 MHz (
- With 256 byte RAM , 20 K byte internal ROM, and 6 4K byte SRAM
 Multi ple Transaction Translator (TT) architecture
- Provid ing dedicated TT control logics for each downstream port
- Superior performance when multiple FS devices operate concurrently
 Integrated USB transceiver
- Improving output drivers with slew rate control for EMI reduction
- Internal power fail detection for ESD rec overy
 Advanced power management and low power consumption
- Supporting USB 3. 1 U0/U1/U2/U3 power management states
- Supporting USB Link Power Management (LPM) L0/L1/L2
- Supporting individual /gang mode over current detection for all downstream port s
- Supporting both low/high enabled power switches
- Patented Smart Power Management
 Configurable settings by firmware
- Configurable downstream ports , downstream port can be disable d /enable d by each specific port for
USB3. 1 /USB2 .0
- Configurable Upstream and Downstream Ports in GL3590 S
- Configurable charging port
- Supporting full in system programming firmware upgrade by SPI flash
- Supporting compound device (non removable setting on downstream ports)
- Supporting customization VID/PID
 Flexible design
- Supporting Poly fuse/Po wer switch
- Automatic switching between self powered and bus powered modes
- Supporting electrical tuning for each specific port
- Supporting programmable breathing LED
- Supporting r egister setting by firmware
- Supporting vendor command and SMBUS
- Multiple upstrea m port support ed in GL3590 S
- Host bridge hardware engine implemented in GL3590 S for KM applications
 Featuring fast charging on all downstream ports and upstream port
- Compliant with USB Battery Charging Revision v1.2, supporting CDP, DCP, and ACA Dock
- Downstream ports can be turned from a S tandard D ownstream P ort (SDP) into C harging D ownstream
P ort (CDP) or Dedicated Charging Port (DCP)
- Downstream devices can be charged while upstream VBUS is not present, which can be applied on wall
charger applications
- Upstream port is capable of charging and data communicating simultaneously for portable devices
supporting ACA Dock or proprietary charging protocols
- Supporting Apple 1A/2.1A/ 2.4A and Samsung Galaxy devices fast charging
 Low BOM cost
- Single ex ternal 25 MHz crystal / Oscillator clock input
- Built in upstream port 1.5KΩ pull up and downstream port 15KΩ pull down resistors
 Different package type s available for various applications
 Applications
- Standalone USB hub/Docking station
- Motherboard
- Monitor built in hub, GPIOs can be programmed as I2C interface to easily update scalar firmware
through USB interface
- TV built in hub
- KM application
- Customized applications
 Dynamically disable/enable ports
 GPIO signaling of ambient light sensor or rotation/position sensor




Similar Part No. - GL3590

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL359 GTM-GL359 Datasheet
330Kb / 2P
PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
logo
E-Tech Electronics LTD
GL359 ETL-GL359 Datasheet
334Kb / 2P
P N P S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
More results


Similar Description - GL3590

ManufacturerPart #DatasheetDescription
logo
JMicron Technology Corp...
JMS583 JMICRON-JMS583 Datasheet
365Kb / 11P
USB 3.1 Gen 2 to PCle Gen3x2 Bridge Controller
logo
Microchip Technology
USB5806 MICROCHIP-USB5806 Datasheet
824Kb / 60P
6-Port USB 3.1 Gen 1 Smart Hub
10/25/17
logo
Transcend Information. ...
JF790 TRANSCEND-JF790 Datasheet
757Kb / 2P
USB 3.1 Gen 1
logo
Microchip Technology
USB7206C MICROCHIP-USB7206C Datasheet
1Mb / 56P
6-Port USB 3.2 Gen 2 Controller Hub
02/28/20
USB7216C MICROCHIP-USB7216C Datasheet
1Mb / 60P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252C MICROCHIP-USB7252C Datasheet
1Mb / 63P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7006 MICROCHIP-USB7006 Datasheet
1Mb / 55P
6-Port USB 3.2 Gen 1 Controller Hub
02/28/20
USB7216 MICROCHIP-USB7216 Datasheet
1Mb / 61P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252 MICROCHIP-USB7252 Datasheet
1Mb / 65P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
logo
List of Unclassifed Man...
GL3523 ETC-GL3523 Datasheet
1Mb / 47P
USB 3.1 Gen 1 Hub Controller Datasheet Revision 1.70 Mar. 02, 2017 Genesys Logic, Inc.
Revision 1.70 Mar. 02, 2017
More results




About GENESYS LOGIC


Genesys Logic is a fabless semiconductor company based in Taiwan that specializes in the design and development of USB, USB Type-C, and power delivery controller ICs (integrated circuits). The company was founded in 1997 and has since become a leading provider of USB solutions for various applications such as PCs, smartphones, tablets, and automotive electronics.

Some of Genesys Logic's products include USB 2.0/3.0/3.1/4.0 controllers, USB Type-C controllers, USB Type-C power delivery controllers, USB hubs, card readers, and audio controllers. The company's solutions are widely used in consumer electronics, industrial and automotive applications.

In addition to its USB products, Genesys Logic also offers other IC products such as high-speed digital video/audio processors and memory card controllers. The company is committed to providing innovative and reliable solutions to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com