Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2702184 Datasheet (PDF) - PHOENIX CONTACT

2702184 Datasheet PDF - PHOENIX CONTACT
Part # 2702184
Download  2702184 Download
File Size   3275.08 Kbytes
Page   32 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Communication module - RAD-RS485-IFS

2702184 Datasheet (PDF)

Go To PDF Page Download Datasheet
2702184 Datasheet PDF - PHOENIX CONTACT

Part # 2702184
Download  2702184 Click to download

File Size   3275.08 Kbytes
Page   32 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Communication module - RAD-RS485-IFS

2702184 Datasheet (HTML) - PHOENIX CONTACT


2702184 Product details

Radioline - RS-485 multipoint multiplexer, can be extended with I/O modules, can be used as
Modbus/RTU bus coupler or can be combined with Radioline wireless system, up to 99 stations,
range of up to 1.2 km on in-house copper cables

Product Description
The popular, straightforward method of distributing I/O information using white thumbwheels on the front of the equipment is now also available for
RS-485 networks. Addressing the RS-485 front module is quick and easy too – all it takes is a turn of the yellow thumbwheel. This enhances the
Radioline system's flexibility, allowing it to be used for solutions in even more applications. To increase the range, it is of course possible to replace
the RS-485 line with alternative transmission media. Phoenix Contact offers a range of converters for fiber-optic cables, SHDSL, wireless or
Ethernet technology.

Your advantages
• Multipoint multiplexer for I/O signals
• Up to 99 bus stations in the network
• Quick and easy startup without programming
• Can be combined with Radioline wireless modules
• Modular extension with up to 32 I/O extension modules supported
• Extended temperature range of -40 °C … +70 °C
• Approved for use in zone 2




Similar Part No. - 2702184

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702106 PHOENIX-2702106 Datasheet
242Kb / 14P
Axioline F digital input and output module, 16 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, 1-wire connection technology
2702120 PHOENIX-2702120 Datasheet
194Kb / 6P
8 analog input channels for the connection of resistance temperature detectors (RTD)
2702122 PHOENIX-2702122 Datasheet
49Kb / 1P
Configuration memory - RAD-900-CONF-RF1
2702131 PHOENIX-2702131 Datasheet
86Kb / 6P
EtherNet/IP??bus coupler, extreme conditions version, 8 inputs 24 V DC, 4 outputs 24 V DC, 500 mA, complete with I/O connectors
2702132 PHOENIX-2702132 Datasheet
128Kb / 10P
The bus coupler for the PROFIBUS has 4 digital outputs and 8 digital inputs. This package contains all the necessary Inline connectors for connecting the supply and the I/Os.
More results


Similar Description - 2702184

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901533 PHOENIX-2901533 Datasheet
804Kb / 11P
I/O extension module - RAD-DAIO6-IFS
2902811 PHOENIX-2902811 Datasheet
86Kb / 5P
I/O extension module - RAD-DO8-IFS
105366 PHOENIX-105366 Datasheet
660Kb / 15P
RAD-PT100-4-IFS
106318 PHOENIX-106318 Datasheet
466Kb / 19P
RAD-RS485-IFS
2316275 PHOENIX-2316275 Datasheet
103Kb / 8P
I/O extension module - RAD-NAM4-IFS
09/12/2020
2702290 PHOENIX-2702290 Datasheet
119Kb / 8P
I/O extension module - RAD-AI4-U-IFS
09/12/2020
1081818 PHOENIX-1081818 Datasheet
2Mb / 28P
Wireless module - RAD-EE-2400-RS485
Dec 6, 2022
1088128 PHOENIX-1088128 Datasheet
397Kb / 16P
Communication module - AXL SE RS485
Dec 8, 2022
2702863 PHOENIX-2702863 Datasheet
4Mb / 39P
Wireless module - RAD-2400-IFS-JP
Dec 6, 2022
2702878 PHOENIX-2702878 Datasheet
966Kb / 35P
Wireless module - RAD-900-IFS-AU
Dec 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com