Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2702878 Datasheet (PDF) - PHOENIX CONTACT

2702878 Datasheet PDF - PHOENIX CONTACT
Part # 2702878
Download  2702878 Download
File Size   966.09 Kbytes
Page   35 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Wireless module - RAD-900-IFS-AU

2702878 Datasheet (PDF)

Go To PDF Page Download Datasheet
2702878 Datasheet PDF - PHOENIX CONTACT

Part # 2702878
Download  2702878 Click to download

File Size   966.09 Kbytes
Page   35 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Wireless module - RAD-900-IFS-AU

2702878 Datasheet (HTML) - PHOENIX CONTACT


2702878 Product details

Radioline - 900 MHz wireless transceiver with RS-232/485 interface, can be extended with I/O
modules, RSMA (female) antenna connection, point-to-point, star, and mesh networks up to
250 stations, range of up to 32 km (line of sight), for use in Australia.

Product Description
Radioline is the new wireless system for large systems. Special features include extremely easy assignment of inputs and outputs by simply turning
the thumbwheel - without any programming. Radioline transmits I/O signals (I/O mode) or serial data (serial mode) and is therefore very versatile.
Alternatively, I/O signals can now also be connected to controllers directly using the Modbus protocol (PLC/Modbus RTU mode).
In addition, you can implement various network structures: from a simple point-to-point connection to complex mesh networks. Thanks to the latest
Trusted Wireless technology, Radioline is the ideal choice for industrial use.

Your advantages
• Mesh networks of up to 250 devices
• High degree of reliability due to Trusted Wireless 2.0 technology (AES encryption, frequency hopping method, and coexistence management)
• Quick and easy startup without programming
• Extended temperature range of -40 °C … +70 °C
• Range of several kilometers thanks to adjustable data rates for the wireless interface
• Integrated RS-232/RS-485 interface




Similar Part No. - 2702878

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702875 PHOENIX-2702875 Datasheet
1Mb / 30P
Wireless set - ILB BT ADIO MUX
Dec 6, 2022
2702877 PHOENIX-2702877 Datasheet
442Kb / 15P
Wireless module - RAD-900-DAIO6
Dec 6, 2022
2702879 PHOENIX-2702879 Datasheet
443Kb / 11P
Protocol converter - GW PL HART4-R-BUS
Dec 2, 2022
More results


Similar Description - 2702878

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901533 PHOENIX-2901533 Datasheet
804Kb / 11P
I/O extension module - RAD-DAIO6-IFS
2902811 PHOENIX-2902811 Datasheet
86Kb / 5P
I/O extension module - RAD-DO8-IFS
105366 PHOENIX-105366 Datasheet
660Kb / 15P
RAD-PT100-4-IFS
2902277 PHOENIX-2902277 Datasheet
68Kb / 4P
Wireless module - RAD-ISM-900-DATA-BD-PLUS
106318 PHOENIX-106318 Datasheet
466Kb / 19P
RAD-RS485-IFS
2316275 PHOENIX-2316275 Datasheet
103Kb / 8P
I/O extension module - RAD-NAM4-IFS
09/12/2020
2702184 PHOENIX-2702184 Datasheet
3Mb / 32P
Communication module - RAD-RS485-IFS
Dec 6, 2022
2867432 PHOENIX-2867432 Datasheet
666Kb / 18P
Wireless module - RAD-ISM-900-SET-DC-UD-AU
Dec 6, 2022
2702863 PHOENIX-2702863 Datasheet
4Mb / 39P
Wireless module - RAD-2400-IFS-JP
Dec 6, 2022
2702877 PHOENIX-2702877 Datasheet
442Kb / 15P
Wireless module - RAD-900-DAIO6
Dec 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com