Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GK18 Datasheet (PDF) - Pepperl+Fuchs Inc.

GK18 Datasheet PDF - Pepperl+Fuchs Inc.
Part # GK18
Download  GK18 Download
File Size   272.39 Kbytes
Page   3 Pages
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.
Description Thru-beam sensor with 2 m fixed cable

GK18 Datasheet (PDF)

Go To PDF Page Download Datasheet
GK18 Datasheet PDF - Pepperl+Fuchs Inc.

Part # GK18
Download  GK18 Click to download

File Size   272.39 Kbytes
Page   3 Pages
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.
Description Thru-beam sensor with 2 m fixed cable

GK18 Datasheet (HTML) - Pepperl+Fuchs Inc.


GK18 Product details

Features
• Efficient Line in a short M18 plastic
housing for standard applications
• Very high detection range
• 4 LEDs indicator for 360° visibility
• Version with front optical face
• Universal usage at different power
supplies




Similar Part No. - GK18

ManufacturerPart #DatasheetDescription
logo
TAT Electronics Co.,Ltd
GK152 TAT-GK152 Datasheet
615Kb / 7P
Wide gap between light emitter and detector(4.0mm)
REV: 1.0
logo
List of Unclassifed Man...
GK17M ETC2-GK17M Datasheet
60Kb / 1P
General purpose caged air probe
logo
Schneider Electric
GK1AP07 SCHNEIDER-GK1AP07 Datasheet
98Kb / 2P
TeSys fuse carriers - rotary handle on right hand side for GK1 125 A
Jun 7, 2022
GK1EK SCHNEIDER-GK1EK Datasheet
155Kb / 2P
TeSys fuse-disconnector - 3P - 50A - fuse size 14 x 51 mm
Jul 12, 2021
GK1EK SCHNEIDER-GK1EK Datasheet
167Kb / 2P
TeSys fuse-disconnector - 3P - 50A - fuse size 14 x 51 mm
Jun 2, 2022
More results


Similar Description - GK18

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBE10M-18GM60-SE5 PF-OBE10M-18GM60-SE5 Datasheet
218Kb / 3P
Thru-beam sensor
OBE20M-R101-S2EP-IO-IR PF-OBE20M-R101-S2EP-IO-IR Datasheet
454Kb / 4P
Thru-beam sensor
OBE2000-R2-SE0 PF-OBE2000-R2-SE0 Datasheet
792Kb / 5P
Thru-beam sensor
OBE2000-R3-SE0 PF-OBE2000-R3-SE0 Datasheet
783Kb / 5P
Thru-beam sensor
OBE10M-18GM60-SE5-V1 PF-OBE10M-18GM60-SE5-V1 Datasheet
252Kb / 3P
Thru-beam sensor
OBE12M-R100-SEP-IO-V3 PF-OBE12M-R100-SEP-IO-V3 Datasheet
481Kb / 5P
Thru-beam sensor
OBE25M-R200-SEP-IO-V3 PF-OBE25M-R200-SEP-IO-V3 Datasheet
466Kb / 5P
Thru-beam sensor
OBE25M-R201-S2EP-IO-V31 PF-OBE25M-R201-S2EP-IO-V31 Datasheet
456Kb / 5P
Thru-beam sensor
OBE25M-R201-SEP-IO-V3 PF-OBE25M-R201-SEP-IO-V3 Datasheet
467Kb / 5P
Thru-beam sensor
OBE2000-R3-SE1-Y302635 PF-OBE2000-R3-SE1-Y302635 Datasheet
400Kb / 3P
Thru-beam sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com