Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GK152 Datasheet (PDF) - TAT Electronics Co.,Ltd

GK152 Datasheet PDF - TAT Electronics Co.,Ltd
Part # GK152
Download  GK152 Download
File Size   615.07 Kbytes
Page   7 Pages
Manufacturer  TAT [TAT Electronics Co.,Ltd]
Direct Link  http://www.tatelec.com/en/
Logo TAT - TAT Electronics Co.,Ltd
Description Wide gap between light emitter and detector(4.0mm)

GK152 Datasheet (PDF)

Go To PDF Page Download Datasheet
GK152 Datasheet PDF - TAT Electronics Co.,Ltd

Part # GK152
Download  GK152 Click to download

File Size   615.07 Kbytes
Page   7 Pages
Manufacturer  TAT [TAT Electronics Co.,Ltd]
Direct Link  http://www.tatelec.com/en/
Logo TAT - TAT Electronics Co.,Ltd
Description Wide gap between light emitter and detector(4.0mm)

GK152 Datasheet (HTML) - TAT Electronics Co.,Ltd


GK152 Product details

Descriptions:
The GK106 (Slot Optical Switch) is a gallium arsenide infrared
emitting diode which is coupled with a silicon photo transistor
in a plastic housing. The packaging system is designed to optimizes
the mechanical resolution, coupling efficiency, and insulates
ambient light. The slot in the housing a provides a means of
interrupting the signal with printer, scanner, copier, or other
opaque material, switching the output from an ” ON” to” OFF”
state.

 Features:
Wide gap between light emitter and detector(4.0mm)
High sensing accuracy
PWB mounting type package

 Applications:
Copier
Printer
Facsimile
Ticket vending machine
Opto-electronic switch




Similar Part No. - GK152

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
GK115 PF-GK115 Datasheet
272Kb / 3P
Thru-beam sensor with 2 m fixed cable
GK161 PF-GK161 Datasheet
272Kb / 3P
Thru-beam sensor with 2 m fixed cable
logo
List of Unclassifed Man...
GK17M ETC2-GK17M Datasheet
60Kb / 1P
General purpose caged air probe
logo
Pepperl+Fuchs Inc.
GK18 PF-GK18 Datasheet
272Kb / 3P
Thru-beam sensor with 2 m fixed cable
logo
Schneider Electric
GK1AP07 SCHNEIDER-GK1AP07 Datasheet
98Kb / 2P
TeSys fuse carriers - rotary handle on right hand side for GK1 125 A
Jun 7, 2022
More results


Similar Description - GK152

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTE-C1906R-14 LITEON-LTE-C1906R-14 Datasheet
767Kb / 9P
IR Emitter and Detector
LTE-C9306R-14 LITEON-LTE-C9306R-14 Datasheet
570Kb / 9P
IR Emitter and Detector
LTE-R38386-S LITEON-LTE-R38386-S Datasheet
541Kb / 7P
IR Emitter and Detector
LTE-R38386S-ZF LITEON-LTE-R38386S-ZF Datasheet
554Kb / 8P
IR Emitter and Detector
LTE-S9511NS LITEON-LTE-S9511NS Datasheet
456Kb / 8P
IR Emitter and Detector
LTE-S9511TS LITEON-LTE-S9511TS Datasheet
451Kb / 8P
IR Emitter and Detector
LTE-S9711-J LITEON-LTE-S9711-J Datasheet
480Kb / 8P
IR Emitter and Detector
LTR-526AB LITEON-LTR-526AB Datasheet
281Kb / 5P
IR Emitter and Detector
LTE-32F0L-032A LITEON-LTE-32F0L-032A Datasheet
482Kb / 8P
IR Emitter and Detector
LTE-C9306 LITEON-LTE-C9306 Datasheet
570Kb / 8P
IR Emitter and Detector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com