Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWG Datasheet (PDF) - Logic Fruit Technologies

AWG Datasheet PDF - Logic Fruit Technologies
Part # AWG
Download  AWG Download
File Size   483.83 Kbytes
Page   3 Pages
Manufacturer  LFTECH [Logic Fruit Technologies]
Direct Link  https://www.logic-fruit.com/
Logo LFTECH - Logic Fruit Technologies
Description Arbitrary Waveform Generator

AWG Datasheet (PDF)

Go To PDF Page Download Datasheet
AWG Datasheet PDF - Logic Fruit Technologies

Part # AWG
Download  AWG Click to download

File Size   483.83 Kbytes
Page   3 Pages
Manufacturer  LFTECH [Logic Fruit Technologies]
Direct Link  https://www.logic-fruit.com/
Logo LFTECH - Logic Fruit Technologies
Description Arbitrary Waveform Generator

AWG Datasheet (HTML) - Logic Fruit Technologies


AWG Product details

Multiple signal scenarios can be
generated like RF, Acoustic, Multi-target
as IQ Waveform.
High-Resolution DAC – 16 bit, Upto 1.2 GSPS.
Versatile and flexible with multitude of
configuration options:
- Programmable waveform pulse-width,
pulses per channel.
- Support for infinite number of pulses.
- Programmable RF output level and
center frequency.
- Accepts range of external clock from
10 to 140 MHz.
Power On Self-test.
Rugged hardware, dual board system.
Easy to use GUI for control and configuration.
Main Features and Benefits




Similar Part No. - AWG

ManufacturerPart #DatasheetDescription
logo
REMA Lipprandt GmbH & C...
AWG 1/0 REMA-AWG 1/0 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
AWG 10 REMA-AWG 10 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
AWG 12 REMA-AWG 12 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
AWG 16 REMA-AWG 16 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
AWG 2 REMA-AWG 2 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
More results


Similar Description - AWG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
Function/Arbitrary Waveform Generator
33220A HP-33220A Datasheet
216Kb / 5P
20 MHz Function/Arbitrary Waveform Generator
logo
Keysight Technologies
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
Arbitrary Waveform Generator
M8195S KEYSIGHT-M8195S Datasheet
3Mb / 22P
GSa/s Arbitrary Waveform Generator
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
Arbitrary Waveform Generator
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
Arbitrary Waveform Generator
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
Arbitrary Waveform Generator
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
DG4000 ETC-DG4000 Datasheet
2Mb / 10P
Function/Arbitrary Waveform Generator
November 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com