Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWG Datasheet(PDF) 2 Page - Logic Fruit Technologies

Part # AWG
Description  Arbitrary Waveform Generator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LFTECH [Logic Fruit Technologies]
Direct Link  https://www.logic-fruit.com/
Logo LFTECH - Logic Fruit Technologies

AWG Datasheet(HTML) 2 Page - Logic Fruit Technologies

  AWG Datasheet HTML 1Page - Logic Fruit Technologies AWG Datasheet HTML 2Page - Logic Fruit Technologies AWG Datasheet HTML 3Page - Logic Fruit Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
806, 8th Floor BPTP
Park Centra Sector–30,
NH–8 Gurgaon – 122001
Haryana (India)
+91-0124 4643950
+1-408 718 9782
info@logic-fruit.com
us@logic-fruit.com
Multiple signal scenarios can be
generated like RF, Acoustic, Multi-target
as IQ Waveform.
High-Resolution DAC – 16 bit, Upto 1.2 GSPS.
Versatile and flexible with multitude of
configuration options:
-
Programmable waveform pulse-width,
pulses per channel.
-
Support for infinite number of pulses.
-
Programmable RF output level and
center frequency.
-
Accepts range of external clock from
10 to 140 MHz.
Power On Self-test.
Rugged hardware, dual board system.
Easy to use GUI for control and configuration.
Main Features and Benefits
In air-borne systems such as Synthetic
Aperture Radar (SAR) and UAV
communication systems to simulate the
behavior of stimulus signal at input.
Military Applications:
- Radar system evaluation
- Electronic warfare (EW) simulations
- LiDAR
- Wireless communication networks
Civilian Application areas:
- Telecommunication (Wi-Fi, LTE
testing etc.)
- Education (University labs)
- Healthcare
- Electronics
- Industrial
Hardware features
General
RF Center Frequency
400 MHz to 4 GHz
RF Bandwidth
≤ 500 MHz (Two-sided)
Amplitude Ripple
±1 dB
Output Level
0 ± 1 dBm
Signal Delay w.r.t.
trigger
≤ 1 μs
Out of Band Spurious
Rejection
-60 dBc
FPGA-DAC Interface
Speed
600 MH
IF Center Frequency
70MHz and Configurable
Operating mode
RF and IF modes
Configuration options
On Board Flash
JTAG
Software GUI
Interfaces for PC
connection
UART, USB & Ethernet
Software display overview



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com