Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA05050 Datasheet (PDF) - ANADIGICS, Inc

ARA05050 Datasheet PDF - ANADIGICS, Inc
Part # ARA05050
Download  ARA05050 Download
File Size   551.49 Kbytes
Page   16 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Reverse Amplifier with Step Attenuator

ARA05050 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARA05050 Datasheet PDF - ANADIGICS, Inc

Part # ARA05050
Download  ARA05050 Click to download

File Size   551.49 Kbytes
Page   16 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Reverse Amplifier with Step Attenuator

ARA05050 Datasheet (HTML) - ANADIGICS, Inc


ARA05050 Product details

PRODUCT DESCRIPTION
The ARA05050 is a GaAs IC designed to provide the reverse path amplification and output level control functions in a CATV Set-Top Box or Cable Modem. It incorporates a digitally controlled precision step attenuator that is preceded by an ultra low noise amplifier stage, and followed by an ultra-linear output driver amplifier. This device is capable of meeting the MCNS/DOCSIS requirements for harmonic performance at a +58dBmV output level while requiring only a single polarity +5V supply. Both the input and the output are single-ended and matched to 75 Ohms. The precision attenuator provides up to 30 dB of attenuation in 2 dB increments. The ARA05050 is offered in a 28-pin SSOP package that features a heat slug on the bottom of the package, and is available in a RoHS-compliant option.

FEATURES
• Low Cost Integrated Monolothic GaAs Amplifier With Step Attenuator
• Attenuation Range: 0-30 dB, Adjustable In 2dB Increments Via a 4 Wire Parallel Control
• Meets DOCSIS Distortion Requirements at +58dBmV Output Signal Level
• Low Distortion and Low Noise
• Low Signal toNoise Ratio at All Gain Levels
• Frequency Range: 5-100 MHz
• 5 Volt Operation
• RoHS-Compliant Package Option

applications
• MCNS/DOCSIS Compliant Cable Modems
• CATV Interactive Set-Top Box
• OpenCable Set-Top Box
• Fiber Nodes
• Cable Modem Termination Systems (CMTS)




Similar Part No. - ARA05050

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA05050 ANADIGICS-ARA05050 Datasheet
471Kb / 14P
Reverse Amplifier with Step Attenuator
Rev 2.7
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA05050RS12P1 ANADIGICS-ARA05050RS12P1 Datasheet
471Kb / 14P
Reverse Amplifier with Step Attenuator
Rev 2.7
logo
Skyworks Solutions Inc.
ARA05050RS12P1 SKYWORKS-ARA05050RS12P1 Datasheet
2Mb / 16P
Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA05050S12 ANADIGICS-ARA05050S12 Datasheet
3Mb / 12P
CATV Reverse Amplifier w/step Attenuator
Rev 6
More results


Similar Description - ARA05050

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
CATV Reverse Amplifier with step Attenuator
Rev 2
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
CATV Reverse Amplifier with step Attenuator
Rev 2
ARA2001S23 ANADIGICS-ARA2001S23 Datasheet
274Kb / 16P
CATV Reverse Amplifier with step Attenuator
Rev 2
ARA3000S23 ANADIGICS-ARA3000S23 Datasheet
175Kb / 2P
Telephony Reverse Amplifier With Step Attenuator
REV 0
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
Reverse Amplifier with Step Attenuator
REV 2.1
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
Reverse Amplifier with Step Attenuator
Rev 2.1
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
Reverse Amplifier with Step Attenuator
Rev 1.3
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
Reverse Amplifier with Step Attenuator
Rev 0.0
ARA05050 ANADIGICS-ARA05050_12 Datasheet
471Kb / 14P
Reverse Amplifier with Step Attenuator
Rev 2.7
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
Reverse Amplifier with Step Attenuator
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com