Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2004 Datasheet (PDF) - ANADIGICS, Inc

ARA2004 Datasheet PDF - ANADIGICS, Inc
Part # ARA2004
Download  ARA2004 Download
File Size   264.61 Kbytes
Page   20 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Reverse Amplifier with Step Attenuator

ARA2004 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARA2004 Datasheet PDF - ANADIGICS, Inc

Part # ARA2004
Download  ARA2004 Click to download

File Size   264.61 Kbytes
Page   20 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Reverse Amplifier with Step Attenuator

ARA2004 Datasheet (HTML) - ANADIGICS, Inc


ARA2004 Product details

PRODUCT DESCRIPTION
The ARA2004 is designed to provide the reverse path amplification and output level control functions in a CATV Set-Top Box or Cable Modem. It incorporates a digitally controlled precision step attenuator that is preceded by an ultra low noise amplifier stage, and followed by an ultra-linear output driver amplifier. This device uses a balanced circuit design that exceeds the MCNS/DOCSIS requirement for harmonic performance at a +60 dBmV output level while only requiring a single polarity +5 V supply. Both the input and output are matched to 75 ohms with an appropriate transformer. The precision attenuator provides up to 58 dB of attenuation in 1 dB increments via a three-wire serial interface. With external passive components, this device meets IEC 1000-4-12 and ANSI/IEEE C62.41-1991 100KHz ringwave tests, as well as IEC1000-4-5 1.2/50 µS surge tests. The ARA2004 is offered in a 28-pin SSOP package featuring a heat slug on the bottom of the package.

FEATURES
• Low Cost Integrated Amplifier with Step Attenuator
• Attenuation Range: 0-58 dB, adjustable in 1 dB increments via a 3 wire serial control
• Meets DOCSIS distortion requirements at +60 dBmV output signal level
• Low distortion and low noise
• Frequency range: 5-100 MHz
• 5 Volt operation
• -40 to +85 oC temperature range
• RoHS Compliant Package Option

APPLICATIONS
• MCNS/DOCSIS Compliant Cable Modems
• CATV Interactive Set-Top Box
• Telephony over Cable Systems
• OpenCable Set-Top Box
• Residential Gateway




Similar Part No. - ARA2004

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA2004 ANADIGICS-ARA2004 Datasheet
897Kb / 21P
Address-Programmable Reverse Amplifier with Step Attenuator
rev 2.2
logo
Skyworks Solutions Inc.
ARA2004 SKYWORKS-ARA2004 Datasheet
655Kb / 20P
Address-Programmable Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA2004 ANADIGICS-ARA2004_11 Datasheet
897Kb / 21P
Address-Programmable Reverse Amplifier with Step Attenuator
rev 2.2
More results


Similar Description - ARA2004

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
CATV Reverse Amplifier with step Attenuator
Rev 2
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
CATV Reverse Amplifier with step Attenuator
Rev 2
ARA2001S23 ANADIGICS-ARA2001S23 Datasheet
274Kb / 16P
CATV Reverse Amplifier with step Attenuator
Rev 2
ARA3000S23 ANADIGICS-ARA3000S23 Datasheet
175Kb / 2P
Telephony Reverse Amplifier With Step Attenuator
REV 0
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
Reverse Amplifier with Step Attenuator
REV 2.1
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
Reverse Amplifier with Step Attenuator
Rev 1.3
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
Reverse Amplifier with Step Attenuator
Rev 0.0
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
Reverse Amplifier with Step Attenuator
Rev 2.2
ARA05050 ANADIGICS-ARA05050_12 Datasheet
471Kb / 14P
Reverse Amplifier with Step Attenuator
Rev 2.7
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
Reverse Amplifier with Step Attenuator
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com