Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2004 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ARA2004
Description  Reverse Amplifier with Step Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2004 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ARA2004 Datasheet HTML 1Page - ANADIGICS, Inc ARA2004 Datasheet HTML 2Page - ANADIGICS, Inc ARA2004 Datasheet HTML 3Page - ANADIGICS, Inc ARA2004 Datasheet HTML 4Page - ANADIGICS, Inc ARA2004 Datasheet HTML 5Page - ANADIGICS, Inc ARA2004 Datasheet HTML 6Page - ANADIGICS, Inc ARA2004 Datasheet HTML 7Page - ANADIGICS, Inc ARA2004 Datasheet HTML 8Page - ANADIGICS, Inc ARA2004 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Data Sheet - Rev 2.1
07/2005
ARA2004
Figure 2: Functional Block Diagram
32 dB
16 dB
8 dB
4 dB
2 dB
1 dB
EFET
EFET
GaAs IC
ATT
IN (+)
A1
OUT (+)
A1
IN (+)
I
SET1
Vg1
A1
OUT (-)
A1
IN (-)
ATT
IN (-)
ATT
OUT (-)
A2
IN (-)
A2
OUT (-)
Vg2
I
SET2
A2
OUT (+)
A2
IN (+)
ATT
OUT (+)
16 dB
1 dB
2 dB
4 dB
8 dB
32 dB
CMOS IC (Serial to Parallel Interface)
8-Bit Shift
Register/
Address
Buffer
Control Latch
P5
P4
P3
P2
P1
P0
8
Clock
Data
Enable
Figure 3: Pin Out
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
GND
I
SET1
A1
OUT (-)
Vg1
ATT
IN (-)
V
CMOS
A1
IN (+)
A1
OUT (+)
CLK
ATT
IN (+)
DAT
V
ATTN
En
A1
IN (-)
A2
OUT (-)
I
SET2
A2
IN (-)
Vg2
ATT
OUT (-)
A2
OUT (+)
GND
CMOS
A2
IN (+)
N/C
ATT
OUT (+)
N/C
N/C
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com