Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2004 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ARA2004
Description  Reverse Amplifier with Step Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2004 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ARA2004 Datasheet HTML 1Page - ANADIGICS, Inc ARA2004 Datasheet HTML 2Page - ANADIGICS, Inc ARA2004 Datasheet HTML 3Page - ANADIGICS, Inc ARA2004 Datasheet HTML 4Page - ANADIGICS, Inc ARA2004 Datasheet HTML 5Page - ANADIGICS, Inc ARA2004 Datasheet HTML 6Page - ANADIGICS, Inc ARA2004 Datasheet HTML 7Page - ANADIGICS, Inc ARA2004 Datasheet HTML 8Page - ANADIGICS, Inc ARA2004 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
07/2005
ARA2004
Reverse Amplifier with Step Attenuator
Data Sheet - Rev 2.1
FEATURES
• Low Cost Integrated Amplifier with Step
Attenuator
• Attenuation Range: 0-58 dB, adjustable in 1 dB
increments via a 3 wire serial control
• Meets DOCSIS distortion requirements at +60
dBmV output signal level
• Low distortion and low noise
• Frequency range: 5-100 MHz
• 5 Volt operation
• -40 to +85 oC temperature range
• RoHS Compliant Package Option
APPLICATIONS
• MCNS/DOCSIS Compliant Cable Modems
• CATV Interactive Set-Top Box
• Telephony over Cable Systems
• OpenCable Set-Top Box
• Residential Gateway
PRODUCT DESCRIPTION
The ARA2004 is designed to provide the reverse path
amplification and output level control functions in a
CATV Set-Top Box or Cable Modem. It incorporates
a digitally controlled precision step attenuator that is
preceded by an ultra low noise amplifier stage, and
followed by an ultra-linear output driver amplifier. This
device uses a balanced circuit design that exceeds
the MCNS/DOCSIS requirement for harmonic
Figure 1: Cable Modem or Set Top Box Application Diagram
S12 Package
28 Pin SSOP
with Heat Slug
Diplexer
ARA2004
SAW
Filter
Double-
Conversion
Tuner
MAC
Upstream
QPSK/16QAM
Modulator
QAM Receiver
with FEC
Balun
Low Pass
Filter
Transmit Enable/Disable
Enable
Data
Clock
Microcontroller
with Ethernet
MAC
RAM
ROM
10Base-T
Transceiver
RJ45
Connector
Clock
Clock
Data
Data
54-860 MHz
44 MHz
5-42 MHz
performance at a +60 dBmV output level while only
requiring a single polarity +5 V supply. Both the input
and output are matched to 75 ohms with an
appropriate transformer. The precision attenuator
provides up to 58 dB of attenuation in 1 dB increments
via a three-wire serial interface. With external passive
components, this device meets IEC 1000-4-12 and
ANSI/IEEE C62.41-1991 100KHz ringwave tests, as
well as IEC1000-4-5 1.2/50
µS surge tests. The
ARA2004 is offered in a 28-pin SSOP package
featuring a heat slug on the bottom of the package.


Similar Part No. - ARA2004

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA2004 ANADIGICS-ARA2004 Datasheet
897Kb / 21P
Address-Programmable Reverse Amplifier with Step Attenuator
rev 2.2
logo
Skyworks Solutions Inc.
ARA2004 SKYWORKS-ARA2004 Datasheet
655Kb / 20P
Address-Programmable Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA2004 ANADIGICS-ARA2004_11 Datasheet
897Kb / 21P
Address-Programmable Reverse Amplifier with Step Attenuator
rev 2.2
More results

Similar Description - ARA2004

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
CATV Reverse Amplifier with step Attenuator
Rev 2
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
CATV Reverse Amplifier with step Attenuator
Rev 2
ARA2001S23 ANADIGICS-ARA2001S23 Datasheet
274Kb / 16P
CATV Reverse Amplifier with step Attenuator
Rev 2
ARA3000S23 ANADIGICS-ARA3000S23 Datasheet
175Kb / 2P
Telephony Reverse Amplifier With Step Attenuator
REV 0
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
Reverse Amplifier with Step Attenuator
REV 2.1
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
Reverse Amplifier with Step Attenuator
Rev 1.3
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
Reverse Amplifier with Step Attenuator
Rev 0.0
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
Reverse Amplifier with Step Attenuator
Rev 2.2
ARA05050 ANADIGICS-ARA05050_12 Datasheet
471Kb / 14P
Reverse Amplifier with Step Attenuator
Rev 2.7
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
Reverse Amplifier with Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com