Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWS5506 Datasheet (PDF) - ANADIGICS, Inc

AWS5506 Datasheet PDF - ANADIGICS, Inc
Part # AWS5506
Download  AWS5506 Download
File Size   67.92 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz

AWS5506 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWS5506 Datasheet PDF - ANADIGICS, Inc

Part # AWS5506
Download  AWS5506 Click to download

File Size   67.92 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz

AWS5506 Datasheet (HTML) - ANADIGICS, Inc


AWS5506 Product details

Features
* Low Insertion Loss (0.4 dB @0.9 GHz)
* Complementary Positive Control Voltages( 0 / +3V  to 0 / +5V)
* Positive Voltage Suppy(+3 to +5V)
* Low DC Power Consumption
* Ultra Miniature 6 Lead SOT-6 Package

DESCRIPTION
The AWS5506 is a Single Pole Double Throw GaAs MMIC switch assembled in a SOT-6 plastic package. The AWS5506 is designed for analog and digital application that require for insertion loss, small size,and low cost. State selection is achieved with a complimentary positive voltage (requires positive bias Vs, and blocking caps) or negative voltage (no Vs or blocking caps required).




Similar Part No. - AWS5506

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5506S14 ANADIGICS-AWS5506S14 Datasheet
66Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
Rev 2.1
More results


Similar Description - AWS5506

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS118-12 ALPHA-AS118-12 Datasheet
23Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS148-24 ALPHA-AS148-24 Datasheet
25Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS158-59 ALPHA-AS158-59 Datasheet
46Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2.5 GHz
AS164-80 ALPHA-AS164-80 Datasheet
55Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
logo
ANADIGICS, Inc
AWS5502-S14 ANADIGICS-AWS5502-S14 Datasheet
303Kb / 3P
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
REV 0
AWS5506S14 ANADIGICS-AWS5506S14 Datasheet
66Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
Rev 2.1
logo
Alpha Industries
AS002M2-12 ALPHA-AS002M2-12 Datasheet
25Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
logo
ANADIGICS, Inc
AWS5502 ANADIGICS-AWS5502 Datasheet
194Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
Rev 1.0
logo
Skyworks Solutions Inc.
AS338-12 SKYWORKS-AS338-12 Datasheet
426Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
AS125-73 SKYWORKS-AS125-73 Datasheet
32Kb / 2P
GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com