Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS158-59 Datasheet (PDF) - Alpha Industries

AS158-59 Datasheet PDF - Alpha Industries
Part # AS158-59
Download  AS158-59 Download
File Size   46.29 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC High Linearity Positive Control SPDT Switch DC-2.5 GHz

AS158-59 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS158-59 Datasheet PDF - Alpha Industries

Part # AS158-59
Download  AS158-59 Click to download

File Size   46.29 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC High Linearity Positive Control SPDT Switch DC-2.5 GHz

AS158-59 Datasheet (HTML) - Alpha Industries


AS158-59 Product details

Description

The AS158-59 is an IC FET SPDT switch in a low cost MSOP-8 plastic package. The AS158-59 features extremely high linearity, low insertion loss and positive voltage operation with very low DC power consumption. Some standard implementations include antenna changeover, T/R and diversity switching over 2 W. The AS158-59 switch can be used in many analog and digital wireless communication systems including cellular, GSM and DECT applications.



Features

■ High Linearity (55 dBm IP3 @ 1.9 GHz)

■ High Isolation (28 dB @ 1.9 GHz)

■ Complementary Control Voltages (0/+5 V)

■ Low DC Power Consumption

■ Small Low Cost MSOP-8 Plastic Package



 




Similar Part No. - AS158-59

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
AS1581T AOSMD-AS1581T Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
AS1581T-X AOSMD-AS1581T-X Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
AS1581U-X AOSMD-AS1581U-X Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Similar Description - AS158-59

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS118-12 ALPHA-AS118-12 Datasheet
23Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS139-73 ALPHA-AS139-73 Datasheet
23Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS148-24 ALPHA-AS148-24 Datasheet
25Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS164-80 ALPHA-AS164-80 Datasheet
55Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS173-73 ALPHA-AS173-73 Datasheet
40Kb / 2P
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
logo
ANADIGICS, Inc
AWS5502-S14 ANADIGICS-AWS5502-S14 Datasheet
303Kb / 3P
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
REV 0
AWS5506S14 ANADIGICS-AWS5506S14 Datasheet
66Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
Rev 2.1
AWS5502 ANADIGICS-AWS5502 Datasheet
194Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
Rev 1.0
AWS5506 ANADIGICS-AWS5506 Datasheet
67Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
Rev 2.1
logo
Skyworks Solutions Inc.
AS125-73 SKYWORKS-AS125-73 Datasheet
32Kb / 2P
GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com