Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS139-73 Datasheet (PDF) - Alpha Industries

AS139-73 Datasheet PDF - Alpha Industries
Part # AS139-73
Download  AS139-73 Download
File Size   23.66 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz

AS139-73 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS139-73 Datasheet PDF - Alpha Industries

Part # AS139-73
Download  AS139-73 Click to download

File Size   23.66 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz

AS139-73 Datasheet (HTML) - Alpha Industries


AS139-73 Product details

Description
The AS139-73 is a GaAs FET IC high linearity SPDT switch in a SOT-6 plastic package. This switch has been designed for use where extremely high linearity, low insertion loss and ultraminiature package size are required. It can be controlled with positive, negative or a combination of both voltages. Some standard implementations include antenna changeover, T/R and diversity switching over 2 W.The AS139-73 switch can be used in many analog and digital wireless communication systems including cellular, GSM and DECT applications.

Features
■ High Linearity (55 dBm IP3 @ 0.9 GHz)
■ Low Insertion Loss (0.35 dB @ 0.9 GHz)
■ Low DC Power Consumption
■ +3 V to +5 V Operation
■ Ultra Miniature SOT-6 Package




Similar Part No. - AS139-73

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1390A AMSCO-AS1390A Datasheet
1Mb / 21P
High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
AS1390A-BQFT AMSCO-AS1390A-BQFT Datasheet
1Mb / 21P
High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
AS1390B AMSCO-AS1390B Datasheet
1Mb / 21P
High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
AS1390B-BSOT AMSCO-AS1390B-BSOT Datasheet
1Mb / 21P
High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
Micropower 150mA Low-Noise LDO
More results


Similar Description - AS139-73

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS118-12 ALPHA-AS118-12 Datasheet
23Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS150-59 ALPHA-AS150-59 Datasheet
38Kb / 2P
GaAs IC High Power SPDT Switch Positive Control DC-3 GHz
AS158-59 ALPHA-AS158-59 Datasheet
46Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2.5 GHz
AS173-73 ALPHA-AS173-73 Datasheet
40Kb / 2P
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS176-59 ALPHA-AS176-59 Datasheet
61Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
AS178-73 ALPHA-AS178-73 Datasheet
40Kb / 2P
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS185-92 ALPHA-AS185-92 Datasheet
39Kb / 2P
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS188-92 ALPHA-AS188-92 Datasheet
39Kb / 2P
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS205-322 ALPHA-AS205-322 Datasheet
58Kb / 2P
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
logo
Skyworks Solutions Inc.
AS188-92 SKYWORKS-AS188-92 Datasheet
88Kb / 4P
PHEMT GaAs IC High-Linearity Positive Control SPDT Switch 300 kHz-2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com