Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS150-59 Datasheet (PDF) - Alpha Industries

AS150-59 Datasheet PDF - Alpha Industries
Part # AS150-59
Download  AS150-59 Download
File Size   38.47 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC High Power SPDT Switch Positive Control DC-3 GHz

AS150-59 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS150-59 Datasheet PDF - Alpha Industries

Part # AS150-59
Download  AS150-59 Click to download

File Size   38.47 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC High Power SPDT Switch Positive Control DC-3 GHz

AS150-59 Datasheet (HTML) - Alpha Industries


AS150-59 Product details

Description
The AS150-59 is an IC FET SPDT switch in a MSOP-8 plastic package. This switch has been designed for use where extremely high linearity and low insertion loss are required. It is controlled with positive voltage eliminating the need for negative voltage. Some standard implementations include antenna changeover, T/R and diversity switching over 2 W.The AS150-59 switch can be used in many analog and digital wireless communication systems.

Features
■ High Linearity (IP3 55 dBm @ 1.9 GHz)
■ High Isolation (22 dB @ 1.9 GHz)
■ Low Insertion Loss (0.55 dB @ 1.9 GHz)
■ Low DC Power Consumption
■ Positive 3 V or 5 V Control Voltage




Similar Part No. - AS150-59

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AS150-5 ASTRODYNE-AS150-5 Datasheet
489Kb / 2P
150W Single Output Switching Power Supply
More results


Similar Description - AS150-59

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS118-12 ALPHA-AS118-12 Datasheet
23Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS139-73 ALPHA-AS139-73 Datasheet
23Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS148-24 ALPHA-AS148-24 Datasheet
25Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS158-59 ALPHA-AS158-59 Datasheet
46Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2.5 GHz
AS164-80 ALPHA-AS164-80 Datasheet
55Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS176-59 ALPHA-AS176-59 Datasheet
61Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
AS177-86 ALPHA-AS177-86 Datasheet
50Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
logo
ANADIGICS, Inc
AWS5503-S15 ANADIGICS-AWS5503-S15 Datasheet
306Kb / 3P
GaAs IC High Power SPDT Reflective Switch Positive Control DC - 3 GHz
REV 0
AWS5504-S14 ANADIGICS-AWS5504-S14 Datasheet
293Kb / 3P
GaAs IC High Power Positive Control SPDT Reflective Switch DC-2.0 GHz
REV 1
AWS5503 ANADIGICS-AWS5503 Datasheet
536Kb / 8P
GaAs IC High Power SPDT Reflective Switch Positive Control DC-3 GHz
Rev 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com