Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS176-59 Datasheet (PDF) - Alpha Industries

AS176-59 Datasheet PDF - Alpha Industries
Part # AS176-59
Download  AS176-59 Download
File Size   61.35 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz

AS176-59 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS176-59 Datasheet PDF - Alpha Industries

Part # AS176-59
Download  AS176-59 Click to download

File Size   61.35 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz

AS176-59 Datasheet (HTML) - Alpha Industries


AS176-59 Product details

Description
The AS176-59 is a GaAs FET IC SPDT switch packaged in a MSOP-8 plastic package for low cost, high isolation commercial applications. Ideal building block for base station dual band applications where synthesizer isolation is critical. Use in conjunction with the AS165-59 SPST switch to meet GSM synthesizer isolation requirements.

Features
■ Positive Voltage Control (0/+3 to +5 V)
■ High Isolation (50 dB @ 0.9, 1.9 GHz)5
■ Low DC Power Consumption
■ Ideal for Cellular, GSM, DCS,PCS, 3G and 2.4 GHz ISM Applications




Similar Part No. - AS176-59

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS176-59 SKYWORKS-AS176-59 Datasheet
116Kb / 4P
GaAs IC High-Isolation Positive Control SPDT Switch 300 kHz-3 GHz
AS176-59LF SKYWORKS-AS176-59LF Datasheet
116Kb / 4P
GaAs IC High-Isolation Positive Control SPDT Switch 300 kHz-3 GHz
More results


Similar Description - AS176-59

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS118-12 ALPHA-AS118-12 Datasheet
23Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS139-73 ALPHA-AS139-73 Datasheet
23Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS148-24 ALPHA-AS148-24 Datasheet
25Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS158-59 ALPHA-AS158-59 Datasheet
46Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2.5 GHz
AS164-80 ALPHA-AS164-80 Datasheet
55Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS177-86 ALPHA-AS177-86 Datasheet
50Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
AS186-302 ALPHA-AS186-302 Datasheet
122Kb / 3P
GaAs IC High Isolation Positive Control SPDT Non-Reflective Switch DC-4.0 GHz
logo
Skyworks Solutions Inc.
AS186-302 SKYWORKS-AS186-302 Datasheet
241Kb / 5P
GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF-4 GHz
AS176-59 SKYWORKS-AS176-59 Datasheet
116Kb / 4P
GaAs IC High-Isolation Positive Control SPDT Switch 300 kHz-3 GHz
AS177-86 SKYWORKS-AS177-86 Datasheet
123Kb / 4P
GaAs IC High-Isolation Positive Control SPDT Switch 300 kHz-3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com