Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS186-302 Datasheet (PDF) - Alpha Industries

AS186-302 Datasheet PDF - Alpha Industries
Part # AS186-302
Download  AS186-302 Download
File Size   122.27 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC High Isolation Positive Control SPDT Non-Reflective Switch DC-4.0 GHz

AS186-302 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS186-302 Datasheet PDF - Alpha Industries

Part # AS186-302
Download  AS186-302 Click to download

File Size   122.27 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC High Isolation Positive Control SPDT Non-Reflective Switch DC-4.0 GHz

AS186-302 Datasheet (HTML) - Alpha Industries


AS186-302 Product details

Description
The AS186-302 is a GaAs FET IC SPDT non-reflective switch packaged in a MSOP-8 exposed pad plastic package for low cost, high isolation commercial applications. Ideal building block for base station applications where synthesizer isolation is critical.Typical applications include GSM, PCS, WCDMA, 2.4 GHz ISM and 3.5 GHz wireless local loop.

Features
■ Positive Voltage Control (0/+3 to 0/+5 V)
■ High Isolation (55 dB @ 0.9 GHz and 1.9 GHz)
■ Miniature MSOP-8 Exposed Pad Package
■ Three Switch Solution for Base Station Synthesizer Switch
■ Non-Reflective
■ Operation to 6 GHz




Similar Part No. - AS186-302

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS186-302 SKYWORKS-AS186-302 Datasheet
241Kb / 5P
GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF-4 GHz
AS186-302LF SKYWORKS-AS186-302LF Datasheet
241Kb / 5P
GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF-4 GHz
AS186-302LF SKYWORKS-AS186-302LF Datasheet
613Kb / 7P
GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF to 4 GHz
AS186-302LF SKYWORKS-AS186-302LF_15 Datasheet
652Kb / 7P
Three-switch solution for base station synthesizer switch
AS186-302LF SKYWORKS-AS186-302LF_17 Datasheet
613Kb / 7P
GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF to 4 GHz
More results


Similar Description - AS186-302

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS118-12 ALPHA-AS118-12 Datasheet
23Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
logo
ANADIGICS, Inc
AWS5502-S14 ANADIGICS-AWS5502-S14 Datasheet
303Kb / 3P
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
REV 0
AWS5506S14 ANADIGICS-AWS5506S14 Datasheet
66Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
Rev 2.1
logo
Hittite Microwave Corpo...
HMC349LP4C HITTITE-HMC349LP4C Datasheet
213Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G Datasheet
210Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
ANADIGICS, Inc
AWS5502 ANADIGICS-AWS5502 Datasheet
194Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
Rev 1.0
AWS5506 ANADIGICS-AWS5506 Datasheet
67Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
Rev 2.1
logo
Hittite Microwave Corpo...
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G_07 Datasheet
260Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Skyworks Solutions Inc.
AS125-73 SKYWORKS-AS125-73 Datasheet
32Kb / 2P
GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com