Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS185-92 Datasheet (PDF) - Alpha Industries

AS185-92 Datasheet PDF - Alpha Industries
Part # AS185-92
Download  AS185-92 Download
File Size   39.51 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz

AS185-92 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS185-92 Datasheet PDF - Alpha Industries

Part # AS185-92
Download  AS185-92 Click to download

File Size   39.51 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz

AS185-92 Datasheet (HTML) - Alpha Industries


AS185-92 Product details

Description

The AS185-92 is a PHEMT GaAs FET IC high linearity SPDT switch in a SC-70 6 lead plastic package.This switch has been designed for use where extremely high linearity, low insertion loss and ultra miniature package size are required. It can be controlled with positive, negative or a combination of both voltages. Some standard implementations include antenna changeover, T/R and diversity switching over 2 W.The AS185-92 switch can be used in many analog and digital wireless communication systems including cellular, GSM and DECT applications.



Features

■ High Linearity (50 dBm IP3 @ 0.9 GHz) @ 3 V

■ Low Insertion Loss (0.35 dB @ 0.9 GHz)

■ +3 V Operation

■ Ultra Miniature SC-70 6 Lead Package

■ PHEMT Process



 




Similar Part No. - AS185-92

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS1854 ETC2-AS1854 Datasheet
1Mb / 52P
Digital Power PoE PD Controllers
More results


Similar Description - AS185-92

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS139-73 ALPHA-AS139-73 Datasheet
23Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS158-59 ALPHA-AS158-59 Datasheet
46Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2.5 GHz
AS173-73 ALPHA-AS173-73 Datasheet
40Kb / 2P
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS178-73 ALPHA-AS178-73 Datasheet
40Kb / 2P
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS188-92 ALPHA-AS188-92 Datasheet
39Kb / 2P
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS190-73 ALPHA-AS190-73 Datasheet
43Kb / 2P
PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz
AS191-73 ALPHA-AS191-73 Datasheet
28Kb / 2P
PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz
AS205-322 ALPHA-AS205-322 Datasheet
58Kb / 2P
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
logo
Skyworks Solutions Inc.
AS201-306 SKYWORKS-AS201-306 Datasheet
54Kb / 2P
PHEMT GaAs IC High Linearity and Isolation SPDT Switch DC-3 GHz
AS188-92 SKYWORKS-AS188-92 Datasheet
88Kb / 4P
PHEMT GaAs IC High-Linearity Positive Control SPDT Switch 300 kHz-2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com