Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS191-73 Datasheet (PDF) - Alpha Industries

AS191-73 Datasheet PDF - Alpha Industries
Part # AS191-73
Download  AS191-73 Download
File Size   28.18 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz

AS191-73 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS191-73 Datasheet PDF - Alpha Industries

Part # AS191-73
Download  AS191-73 Click to download

File Size   28.18 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz

AS191-73 Datasheet (HTML) - Alpha Industries


AS191-73 Product details

Description

The AS191-73 is a PHEMT GaAs FET IC high linearity SPDT switch in a SOT-6 plastic package.This switch has been designed for use where extremely high linearity, low control voltage, high isolation, low insertion loss and ultra miniature package size are required. It can be controlled with positive, negative or a combination of both voltages. Some standard implementations include antenna changeover, T/R and diversity switching over 3 W.



Features

■ +2.5 to +5 V Linear Operation

■ Harmonics H2, H3 > 65 dBc @PIN = 34.5 dBm

■ Low Insertion Loss (0.5 dB @ 0.9 GHz)

■ High Isolation (27 dB @ 0.9 GHz)

■ Ultra Miniature SOT-6 Package

■ PHEMT Process



 




Similar Part No. - AS191-73

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS191-73 SKYWORKS-AS191-73 Datasheet
208Kb / 4P
PHEMT GaAs IC High-Linearity 3 V Control SPDT Switch 0.1-4 GHz
AS191-73LF SKYWORKS-AS191-73LF Datasheet
208Kb / 4P
PHEMT GaAs IC High-Linearity 3 V Control SPDT Switch 0.1-4 GHz
More results


Similar Description - AS191-73

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS190-73 ALPHA-AS190-73 Datasheet
43Kb / 2P
PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz
AS193-73 ALPHA-AS193-73 Datasheet
27Kb / 2P
PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2.5 GHz
logo
Skyworks Solutions Inc.
AS213-92 SKYWORKS-AS213-92 Datasheet
62Kb / 2P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS217-000 SKYWORKS-AS217-000 Datasheet
465Kb / 3P
PHEMT GaAs IC High Linearity 3 V T/R SPDT Switch 0.1-2.5 GHz
AS222-92 SKYWORKS-AS222-92_07 Datasheet
182Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS217-000 SKYWORKS-AS217-000_06 Datasheet
211Kb / 5P
PHEMT GaAs IC High-Linearity 3 V T/R SPDT Switch 0.1-2.5 GHz
AS193-000 SKYWORKS-AS193-000 Datasheet
196Kb / 4P
PHEMT GaAs IC High-Linearity 3 V Control SPDT 0.1-2.5 GHz Switch Chip
AS191-73 SKYWORKS-AS191-73 Datasheet
208Kb / 4P
PHEMT GaAs IC High-Linearity 3 V Control SPDT Switch 0.1-4 GHz
AS193-73 SKYWORKS-AS193-73 Datasheet
246Kb / 4P
PHEMT GaAs IC High-Linearity 3 V Control SPDT Switch 0.1-2.5 GHz
AS214-92 SKYWORKS-AS214-92_06 Datasheet
179Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com