Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS191-73 Datasheet(PDF) 2 Page - Alpha Industries

Part # AS191-73
Description  PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS191-73 Datasheet(HTML) 2 Page - Alpha Industries

  AS191-73 Datasheet HTML 1Page - Alpha Industries AS191-73 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1–2 GHz
AS191-73
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 8/00A
CBL
CBL
V1
J1
V2
J2
GND
J3
CBL
Pin Out
V1
V2
J1–J2
J1–J3
0VHigh
Isolation
Insertion Loss
VHigh
0
Insertion Loss
Isolation
Truth Table
VHigh = +2.5 to +5 V.
DC blocking capacitors (CBL) must be supplied externally.
CBL = 47 pF for operating frequency >500 MHz.
Insertion Loss vs. Frequency
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Isolation vs. Frequency
Frequency (GHz)
-50
-40
-30
-20
-10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VSWR vs. Frequency
Frequency (GHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0
0.5
1.0
1.5
2.0
2.5
3.0
Harmonics vs. Control Voltage
PIN = 34.5 dBm, 900 MHz, GSM Pulsed
30
35
40
45
50
55
60
65
70
75
80
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCTRL (V)
H2
H3
Typical Performance Data
Characteristic
Value
RF Input Power
6 W Max. > 900 MHz,
0/+5 V Control
Control Voltage
-0.2 V, +8 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
ΘJC
25°C/W
Absolute Maximum Ratings



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com