Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2065 Datasheet (PDF) - Anpec Electronics Coropration

APA2065 Datasheet PDF - Anpec Electronics Coropration
Part # APA2065
Download  APA2065 Download
File Size   451.29 Kbytes
Page   25 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)

APA2065 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA2065 Datasheet PDF - Anpec Electronics Coropration

Part # APA2065
Download  APA2065 Click to download

File Size   451.29 Kbytes
Page   25 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)

APA2065 Datasheet (HTML) - Anpec Electronics Coropration


APA2065 Product details

General Description

APA2065 i s a monol i thi c i ntegrated ci rcui t ,  which provides precise  DC  volume control,  and a stereo

bridged audio power  amplifiers capable of  producing 2.7W(2.0W)  into  3W  with  less  than  10%(1.0%)  THD+N. The  attenuator  range  of  the  volume  control  in  AP A2065 is  from  20dB  (DC_Vol=0V)  to  -80dB  (DC_Vol=3.54V) with 32 steps.  The advantage of  internal gain  setting can be less components and PCB area.



Features

• Low  Operating  Current  with  14mA

• Improved  Depop  Circuitry  to  Eliminate

• Turn-on  a nd  Turn-off  Transients  in  Outputs High  PSRR

• 32 Steps  Volume  Adjustable  by  DC  Voltage with Hysteresis

• 2W  per Channel  Output Power  into  4W Load at 5V,  BTL Mode

• Two  Output  Modes  Allowable  with  BTL and SE Modes Selected by SE/BTL  pin

• Low  Current  Consumption  in  Shutdown  Mode (50mA)

• Short  Circuit  Protection

• Power  Off  Depop  Circuit  Integration

• PDIP-16  &  SOP-16  Pa ckages  Available

• Lead  Free  Available  (RoHS  Compliant)



Applications

· NoteBook  PC

· LCD  Monitor  or  TV



 




Similar Part No. - APA2065

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2060QBI-TRG ANPEC-APA2060QBI-TRG Datasheet
594Kb / 30P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2061 ANPEC-APA2061 Datasheet
595Kb / 29P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
APA2061QBI-TRG ANPEC-APA2061QBI-TRG Datasheet
595Kb / 29P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results


Similar Description - APA2065

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com