Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2069 Datasheet (PDF) - Anpec Electronics Coropration

APA2069 Datasheet PDF - Anpec Electronics Coropration
Part # APA2069
Download  APA2069 Download
File Size   464.52 Kbytes
Page   26 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)

APA2069 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA2069 Datasheet PDF - Anpec Electronics Coropration

Part # APA2069
Download  APA2069 Click to download

File Size   464.52 Kbytes
Page   26 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)

APA2069 Datasheet (HTML) - Anpec Electronics Coropration


APA2069 Product details

General Description

APA2069 is a monolithic integrated circuit, which provides precise DC volume control, and a stereo bridged audio power amplifiers capable of producing 2.6W (1.8W) into 4W withlessthan 10%(1.0%)THD+N. The attenuator range of the volumecontrol inAPA2069 is from 20dB (DC_Vol=0V) to -80dB (DC_Vol=3.54V) with 32 steps. The advantage of internal gain setting can be less components and PCB area. Both of the depop circuitry and the thermal shutdown protection circuitry are integrated in APA2069, that reduce pops and clicks noise during power up or shutdown mode operation.



Features

· Low Operating Current with 9mA

· ImprovedDepop Circuitry to Eliminate Turn-on and Turn-off Transients in Outputs

· High PSRR

· 32 Steps Volume Adjustable by DC Voltage with Hysteresis

· 2.6W per Channel Output Power into 4W Load at 5V,BTL Mode

· Two Output Modes Allowable with BTL and SE Modes Selected by SE/BTL pin

· Low Current Consumption in Shutdown Mode (1mA)

· Short Circuit Protection

· Thermal shutdown protection and over current protection circuitry

· Power DIP-16 Package

· Lead FreeAvailable (RoHS Compliant)



Applications

· NoteBook PC

· LCD Monitor or TV




Similar Part No. - APA2069

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2069 ANPEC-APA2069 Datasheet
389Kb / 23P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069JI-TUG ANPEC-APA2069JI-TUG Datasheet
389Kb / 23P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069JI-TUL ANPEC-APA2069JI-TUL Datasheet
389Kb / 23P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results


Similar Description - APA2069

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
Stereo 2.6W Audio Amplifier(With Gain Control)
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2065 ANPEC-APA2065 Datasheet
451Kb / 25P
Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
Stereo 2.6W Audio Amplifier (With Gain Control)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com