Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL1117D Datasheet (PDF) - Anpec Electronics Coropration

APL1117D Datasheet PDF - Anpec Electronics Coropration
Part # APL1117D
Download  APL1117D Download
File Size   114.68 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V

APL1117D Datasheet (PDF)

Go To PDF Page Download Datasheet
APL1117D Datasheet PDF - Anpec Electronics Coropration

Part # APL1117D
Download  APL1117D Click to download

File Size   114.68 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V

APL1117D Datasheet (HTML) - Anpec Electronics Coropration


APL1117D Product details

General Description

The APL1117D/R is a low dropout three-terminal fixed 3.3V and 5.0V regulators with 1A output current capability. In order to obtain lower dropout voltage and faster transient response, which is critical for low voltage applications , the APL1117D/R has been optimized. The dropout voltage is guaranteed at a maximum of 1.3V at 0.8A. Current limit is trimmed to ensure specified output current and controlled short circuit current. On-chip thermal limiting provides protection against any combination of overload that would create excessive junction temperatures. The APL1117D/R is available in the industry standard 3- pin SOT-223 and TO-252 the low profile surface mount

packages which can be used in applications where space is limited.



Features

•Guaranteed Output Voltage Accuracy within 2%

•Fast Transient Response

•Guaranteed Dropout Voltage at Multiple Currents

•Load Regulation : 0.1% Typ.

•Line Regulation : 0.03% Typ.

•Low Dropout Voltage : 1.2V Typ. at IOUT=0.8A

•Current Limit : 1A Typ. at TJ=125 °C

•On-Chip Thermal Limiting : 150 °C Typ.

•Standard 3-pin SOT-223 and TO-252 Power Packages

 










Similar Part No. - APL1117D

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117 Datasheet
299Kb / 19P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117-18FC-TR ANPEC-APL1117-18FC-TR Datasheet
156Kb / 18P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TU ANPEC-APL1117-18FC-TU Datasheet
156Kb / 18P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TR ANPEC-APL1117-18GC-TR Datasheet
156Kb / 18P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results


Similar Description - APL1117D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
1A Low Dropout Fast Response Positive Adjustable Regulator
logo
Anpec Electronics Corop...
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1565A ANPEC-APL1565A Datasheet
393Kb / 13P
1A Low Dropout, Fast Response Fixed Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com