Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL1541 Datasheet (PDF) - Anpec Electronics Coropration

APL1541 Datasheet PDF - Anpec Electronics Coropration
Part # APL1541
Download  APL1541 Download
File Size   132.67 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V

APL1541 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL1541 Datasheet PDF - Anpec Electronics Coropration

Part # APL1541
Download  APL1541 Click to download

File Size   132.67 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V

APL1541 Datasheet (HTML) - Anpec Electronics Coropration


APL1541 Product details

General Description

The APL1541 is a low dropout three-terminal adjustable regulators with 1A output current capability. In order to obtain lower dropout voltage and faster transient response, which is critical for low voltage applications , the APL1541 has been optimized.

The device is available in an adjustable version and fixed output voltages of 3.3V, the output available voltage range is from 1.25~7.75V with an input supply below 12V. Dropout voltage is guaranteed at a maximum of 1.3V at 1A.



Features

• Guaranteed Output Voltage Accuracy within 2%

• Fast Transient Response

• Guaranteed Dropout Voltage at Multiple Currents

• Load Regulation : 0.1% Typ.

• Line Regulation : 0.03% Typ.

• Low Dropout Voltage : 1.1V Typ. at IOUT =1A

• Current Limit : 1A Typ. at TJ=125 °C

• On-Chip Thermal Limiting : 150 °C Typ.

• Adjustable Output : 1.25~7.75V

• Standard 8-pin SO Power Package



Applications

• Peripheral Cards

• Active SCSI Terminators

• Low Voltage Logic Supplies

• Post Regulator for Switching Power Supply



 




Similar Part No. - APL1541

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL1545 ASB-APL1545 Datasheet
139Kb / 1P
PLL Module
March 2004
APL1545 ASB-APL1545_13 Datasheet
118Kb / 2P
PLL Synthesizer Module
June 2010
More results


Similar Description - APL1541

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117D ANPEC-APL1117D Datasheet
114Kb / 11P
1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
1A Low Dropout Fast Response Positive Adjustable Regulator
logo
Anpec Electronics Corop...
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com