Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5158 Datasheet (PDF) - Anpec Electronics Coropration

APL5158 Datasheet PDF - Anpec Electronics Coropration
Part # APL5158
Download  APL5158 Download
File Size   616.08 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 150mA CMOS Low Dropout Regulator With Power OK

APL5158 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5158 Datasheet PDF - Anpec Electronics Coropration

Part # APL5158
Download  APL5158 Click to download

File Size   616.08 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 150mA CMOS Low Dropout Regulator With Power OK

APL5158 Datasheet (HTML) - Anpec Electronics Coropration


APL5158 Product details

General Description
The APL5158 is a precise CMOS LDO with power ok function. The APL5158 offers 2% output accuracy over temp, and an ultra low ground current 60µA. The power good function monitors the output voltage and indicates when an error occurs in the system (active low).In the event of an output fault such as over current, thermal shutdown, the power ok output is pulled low. The APL5158 also works with low-ESR output capacitors, reducing the amount of board space for power applications, critical in hand-held wireless devices. Key features include current-limit, thermal shutdown, fast transient response. A compact package SOT-23-5 is available for space saving purpose.

Features
• Ultra low ground current : 60µA
• Low Dropout Voltage Regulator, 1.5V
• 150mA Load Current Capability
• Output Voltage Accuracy : ±2% Over Temp.
• Input Voltage Range of 2.7V to 6.0V
• Power Good (POK) Function
• Current Limit Protection
• Thermal Shutdown Protection
• Fast Transient Response
• Stability with low-ESR capacitors
• TTL Logic controlled enable input
• SOT-23-5 Package

Applications
• Processor power up sequencing
• Laptop,notebook, and palmtop computers
• Wireless LAN




Similar Part No. - APL5158

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-13B ANPEC-APL5151-13B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-14B ANPEC-APL5151-14B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-15B ANPEC-APL5151-15B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-16B ANPEC-APL5151-16B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
More results


Similar Description - APL5158

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
150mA, Low-Dropout Linear Regulator with Power-OK Output
MAX8885 MAXIM-MAX8885 Datasheet
179Kb / 8P
150mA, Low-Dropout Linear Regulator with Power-OK Output
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
150mA CMOS Low Dropout Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
Dual 150mA CMOS Low Dropout Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
150mA CMOS Low Dropout Regulator
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
Dual 150mA CMOS Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5316 ANPEC-APL5316_11 Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875_V01 Datasheet
260Kb / 9P
150mA, Low-Dropout Linear Regulator with Power-OK Output
2000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com