Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8885 Datasheet (PDF) - Maxim Integrated Products

MAX8885 Datasheet PDF - Maxim Integrated Products
Part # MAX8885
Download  MAX8885 Download
File Size   179.88 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 150mA, Low-Dropout Linear Regulator with Power-OK Output

MAX8885 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8885 Datasheet PDF - Maxim Integrated Products

Part # MAX8885
Download  MAX8885 Click to download

File Size   179.88 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 150mA, Low-Dropout Linear Regulator with Power-OK Output

MAX8885 Datasheet (HTML) - Maxim Integrated Products


MAX8885 Product details

General Description
The MAX8885 low-dropout (LDO) linear regulator operates from a +2.5V to +6.5V input voltage range and delivers up to 150mA. It uses a P-channel MOSFET pass transistor to allow a low 85µA supply current—which is independent of the load—as well as LDO voltage. The MAX8885 is optimized to operate with low-cost, high-ESR output capacitors such as small case-size tantalum capacitors. It is ideal for cost-sensitive portable equipment such as PCS and cellular phones. For a pin-compatible, functionally equivalent device for use with a low-ESR, ceramic output capacitor, refer to the MAX8875 data sheet.

Features
♦ Optimized for Low-Cost Tantalum Capacitors
♦ Pin Compatible with MIC5206
♦ Undervoltage Power-OK Output
♦ Preset Output Voltages (±1% accuracy)
♦ Guaranteed 150mA Output Current
♦ 85µA No-Load Supply Current
♦ Low 110mV Dropout at 100mA Load (165mV at 150mA load)
♦ Thermal-Overload and Short-Circuit Protection
♦ Reverse-Battery Protection
♦ 60dB PSRR at 100Hz
♦ 1µA max Shutdown Current

Applications
   PCS Phones
   Modems
   Cellular Phones
   Hand-Held Instruments
   Cordless Phones
   Palmtop Computers
   PCMCIA Cards
   Electronic Planners




Similar Part No. - MAX8885

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8880ETT-T MAXIM-MAX8880ETT-T Datasheet
234Kb / 12P
12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
MAX8880ETT-T MAXIM-MAX8880ETT-T Datasheet
234Kb / 12P
12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
MAX8880EUT MAXIM-MAX8880EUT Datasheet
234Kb / 12P
12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
MAX8880EUT-T MAXIM-MAX8880EUT-T Datasheet
228Kb / 8P
12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results


Similar Description - MAX8885

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
150mA, Low-Dropout Linear Regulator with Power-OK Output
logo
Anpec Electronics Corop...
APL5158 ANPEC-APL5158 Datasheet
616Kb / 15P
150mA CMOS Low Dropout Regulator With Power OK
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
logo
Anpec Electronics Corop...
APL5316 ANPEC-APL5316 Datasheet
395Kb / 15P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
APL5316 ANPEC-APL5316_11 Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
logo
Monolithic Power System...
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875_V01 Datasheet
260Kb / 9P
150mA, Low-Dropout Linear Regulator with Power-OK Output
2000
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com