Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5316 Datasheet (PDF) - Anpec Electronics Coropration

APL5316 Datasheet PDF - Anpec Electronics Coropration
Part # APL5316
Download  APL5316 Download
File Size   395.1 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low Dropout 300mA Linear Regulator With Power-Ok Indicator

APL5316 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5316 Datasheet PDF - Anpec Electronics Coropration

Part # APL5316
Download  APL5316 Click to download

File Size   395.1 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low Dropout 300mA Linear Regulator With Power-Ok Indicator

APL5316 Datasheet (HTML) - Anpec Electronics Coropration


APL5316 Product details

General Description
The APL5316 is a low dropout linear regulator which needs only a single input voltage supply from 2.8 to 6V, and it can deliver output current up to 300mA. It can work with low ESR ceramic capacitors and ideally use in the battery-powered applications, such as notebook computers and cellular phones. Its typical dropout voltage is only 170mV at 300mA loading. A power-ok detection indicates the output status at POK pin. The current limit protection (with foldback current) and thermal shutdown functions protect the device against current overloads and over temperature. The APL5316 is available in a SOT-23-5 package.

Features
• Wide Operating Voltage: 2.8~6V
• Fixed Output Voltage in the range of 0.8V~5.5V
• Low Dropout Voltage: 170mV(typical) @ 300mA
• Guaranteed 300mA Output Current
• Power-Ok Indicator
• Current Limit Protection with Foldback Current
• Internal Soft-Start
• Over Temperature Protection
• Stable with Low ESR Ceriamic Capacitors
• SOT-23-5 Package
• Lead Free and Green Devices Available (RoHS Compliant)

Applications
• Cellular Phones
• Portable and Battery-powered Equipment
• Notebook and Personal Computers




Similar Part No. - APL5316

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5316 ANPEC-APL5316 Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
APL5316-12BI-TRG ANPEC-APL5316-12BI-TRG Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
APL5316-12BI-TRL ANPEC-APL5316-12BI-TRL Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
APL5316-15BI-TRG ANPEC-APL5316-15BI-TRG Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
APL5316-15BI-TRL ANPEC-APL5316-15BI-TRL Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
More results


Similar Description - APL5316

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
150mA, Low-Dropout Linear Regulator with Power-OK Output
MAX8885 MAXIM-MAX8885 Datasheet
179Kb / 8P
150mA, Low-Dropout Linear Regulator with Power-OK Output
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Anpec Electronics Corop...
APL5316 ANPEC-APL5316_11 Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
logo
Advanced Power Electron...
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875_V01 Datasheet
260Kb / 9P
150mA, Low-Dropout Linear Regulator with Power-OK Output
2000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com